M2PV-C1Z-R2
AI

The **M2PV-C1Z-R2** is a high-performance external SSD enclosure produced by **ORICO**. It is specifically designed to convert M.2 NVMe or SATA SSDs into portable high-speed external storage devices.
Below is a breakdown of its electronic components and technical specifications.
---
### 1. Core Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Main Controller** | Realtek RTL9210B |
| **Input Interface** | USB 3.1 Gen2 Type-C |
| **Output Interface** | M.2 M-Key / B+M Key |
| **Transfer Speed** | Up to 10Gbps (NVMe) / 6Gbps (SATA) |
| **Supported Protocols** | NVMe (PCIe) & NGFF (SATA) |
| **Maximum Capacity** | 2TB |
---
### 2. Key Electronic Components
#### A. The Main Bridge Chip: Realtek RTL9210B
The heart of the M2PV-C1Z-R2 is the **Realtek RTL9210B**. This is a high-end bridge chip that acts as a translator between the SSD's data language and the USB protocol.
* **Dual Protocol Support:** Unlike older enclosures that only support NVMe, this chip allows the device to recognize both PCIe-based (NVMe) and SATA-based (NGFF) drives.
* **UASP & TRIM Support:** It supports USB Attached SCSI Protocol (UASP) for faster data transfers and TRIM commands to maintain SSD health and longevity.
#### B. Power Management Integrated Circuit (PMIC)
To ensure stability during high-speed data transfers, the PCB (Printed Circuit Board) contains voltage regulators that step down the 5V provided by the USB port to the **3.3V** required by most M.2 SSDs.
#### C. Thermal Management System
M.2 NVMe drives generate significant heat. The "C1Z" model features:
* **Aluminum Alloy Shell:** Acts as a massive heat sink.
* **Internal Fin Design:** Increases the surface area for heat dissipation.
* **Thermal Pad:** A conductive silicone pad that bridges the gap between the SSD and the metal casing.
---
### 3. Physical Layout and Connectivity
* **LED Indicator:** A small blue LED on the PCB indicates the device status (Solid: Power on; Flashing: Data transmission).
* **PCB Design:** The circuit board is designed with "interference shielding" to prevent electromagnetic interference from affecting transfer speeds.
* **Auto-Sleep Function:** The firmware on the chip is programmed to enter a sleep state after 10 minutes of inactivity to save power and reduce electronic wear.
---
### 4. Compatibility Matrix
| SSD Type | Key Type | Support Status |
| :--- | :--- | :--- |
| **NVMe PCIe** | M-Key / B+M Key | **Supported** (10Gbps) |
| **SATA NGFF** | B+M Key | **Supported** (6Gbps) |
| **SATA NGFF** | B-Key | **Supported** |
| **mSATA** | N/A | Not Supported |
---
- ⤷
What is the difference between the RTL9210 and RTL9210B chips?
- ⤷ Does this enclosure support 4TB SSDs despite the 2TB rating?
- ⤷ How do I install the thermal pad for optimal cooling?