Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2PV-C21-R2/CE

  • AI
    The **M2PV-C21-R2/CE** is a model number primarily associated with **Industrial Automation Components**, specifically high-performance **Programmable Logic Controller (PLC) modules** or **Remote I/O units** often used in industrial control systems (like those from LS Electric or similar manufacturers). Below is the technical breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications This device acts as an interface between a central processing unit (CPU) and field devices (sensors/actuators). | Feature | Specification | | :--- | :--- | | **Component Type** | Digital I/O Module / Remote Terminal | | **Input Channels** | 16 or 32 Points (depending on sub-configuration) | | **Output Type** | Transistor (NPN/PNP) or Relay | | **Rated Voltage** | 24V DC | | **Communication Protocol** | Rnet or Proprietary Fieldbus | | **Certifications** | CE (European Conformity) | --- ### 2. Electronic Component Architecture The internal circuitry is composed of four main electronic sections: #### A. Isolation & Protection * **Optocouplers:** The inputs and outputs are typically galvanically isolated using optocouplers to prevent high-voltage spikes from the field (sensors/motors) from damaging the internal logic circuits. * **Varistors/Zener Diodes:** Integrated for surge protection against transient voltage. #### B. Logic & Processing * **Microcontroller/ASIC:** A dedicated logic chip handles the communication stack and manages the I/O refresh cycles. * **Status LEDs:** Surface-mount LEDs (SMD) indicate the status of each individual I/O point and the communication health (Run/Stop/Error). #### C. Power Management * **DC-DC Converter:** Converts the incoming 24V DC field power to 3.3V or 5V required for the internal logic chips. * **Reverse Polarity Protection:** A diode bridge or MOSFET-based circuit to prevent damage if the power supply wires are swapped. #### D. Connection Interface * **Terminals:** Usually features removable screw terminals or MIL-connector headers for easy wiring. * **Din-Rail Mounting:** The chassis is designed for standard 35mm industrial rail mounting. --- ### 3. Pinout and Wiring Logic The "R2" designation often refers to the specific wiring orientation or terminal style. * **Common (COM):** The shared terminal for a group of inputs/outputs. * **Signal Pins:** Labeled 00 through 15 (or 31), where the binary signals are processed. * **Voltage Supply:** Labeled V+ and V- (or 24V and Gnd). --- ### 4. CE Compliance Features The **CE** suffix indicates the electronics meet specific European standards: 1. **EMC (Electromagnetic Compatibility):** The unit does not emit excessive noise and is resistant to external interference. 2. **LVD (Low Voltage Directive):** Ensures the insulation and spacing between circuits are safe for industrial use.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the output channels on this module?
    • ⤷ How do I configure the communication baud rate for the M2PV series?
    • ⤷ Does this model support NPN or PNP wiring logic for inputs?