M2PV-C23-R/UL
AI

The **M2PV-C23-R/UL** is a specific electronic component within the industrial automation and control sector, manufactured by **Omron**. It belongs to the M2P series of push-button switches, specifically designed for panel mounting in industrial control circuits.
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its electronic and physical characteristics:
| Characteristic | Specification | Description |
| :--- | :--- | :--- |
| **Series** | M2P | Rectangular body, panel-mount series |
| **Mounting Type** | V | Vertical PCB terminal style |
| **Contact Form** | C | SPDT (Single Pole Double Throw) |
| **Operating Force** | 2 | Standard Force |
| **Illumination** | 3 | LED Illumination (typically 24V DC) |
| **Color/Cap** | R | Red button/filter |
| **Certification** | UL | UL (Underwriters Laboratories) recognized |
---
### 2. Core Electronic Components
The internal construction of the M2PV-C23-R/UL consists of three primary electronic segments:
#### A. Switching Mechanism (SPDT)
* **Contacts:** Uses silver or gold-plated contacts to ensure high conductivity and resistance to oxidation.
* **Function:** As an SPDT switch, it has one common terminal and two output terminals (Normally Open and Normally Closed).
* **Rating:** Typically rated for low-current signal switching (e.g., 100mA to 5A depending on the specific voltage load).
#### B. Illumination Circuit
* **LED Module:** Features a built-in Red LED.
* **Resistor Logic:** Usually includes an integrated current-limiting resistor so it can be wired directly to a power source (24V is standard for this series).
* **Polarity:** The terminals for the LED are separated from the switch contacts to allow independent control of the light.
#### C. Termination Style
* **PCB Terminals:** The "V" in the part number indicates vertical terminals designed to be soldered directly onto a Printed Circuit Board (PCB) rather than using wire leads or spade connectors.
---
### 3. Application Use Cases
This component is commonly found in the following electronic environments:
* **Control Panels:** Serving as a status indicator and input trigger.
* **Medical Equipment:** Used for its reliability and tactile feedback.
* **PLC Inputs:** Providing a clean digital signal to Programmable Logic Controllers.
---
- ⤷
What are the voltage and current limits for the M2PV-C23-R/UL switch contacts?
- ⤷ Does this model support momentary or maintained (latching) operation?
- ⤷ What is the recommended hole diameter for panel mounting this component?