M2PV-C23-R2/CE
AI

The **M2PV-C3-R2** (and its CE variant) is an M.2 NVMe SSD enclosure manufactured by ORICO. This device serves as an external bridge that converts an internal M.2 NVMe SSD into a portable USB drive.
Below is a breakdown of the electronic components and technical specifications.
---
### 1. Core Technical Specifications
The electronics are designed to handle high-speed data transfer while managing the heat generated by NVMe drives.
| Feature | Specification |
| :--- | :--- |
| **Main Bridge Controller** | Realtek RTL9210 |
| **Output Interface** | USB 3.1 Gen2 Type-C |
| **Theoretical Speed** | 10Gbps (approx. 1000MB/s) |
| **Supported Protocols** | NVMe (PCIe 3.0 x2) |
| **SSD Form Factors** | M.2 M-Key / B&M Key (2230, 2242, 2260, 2280) |
| **Max Capacity** | 2TB |
---
### 2. Key Electronic Components
#### A. The Bridge Chip (Realtek RTL9210)
The heart of the PCB is the **Realtek RTL9210**. This is a high-performance bridge chip that converts the PCIe signals from the SSD into USB signals for your computer.
* **Protocol Conversion:** Translates NVMe commands into USB Mass Storage Class (MSC) or USB Attached SCSI Protocol (UASP).
* **Power Management:** Includes an integrated switching regulator to convert 5V USB power to the 3.3V required by M.2 SSDs.
#### B. Power Delivery & Protection
The PCB contains several surface-mount devices (SMD) to ensure stability:
* **Voltage Regulators (LDO/Buck):** Stabilizes the current to prevent spikes from damaging the SSD.
* **Filter Capacitors:** Large electrolytic or ceramic capacitors are used to smooth out ripples in the power supply, especially during heavy write operations.
#### C. Interface & Connectivity
* **M.2 Slot:** A physical M-Key connector with gold-plated pins for high-speed signal integrity.
* **USB-C Port:** A 24-pin Type-C female connector soldered to the board, supporting reversible plug orientation.
---
### 3. Thermal Management Electronics
Because NVMe drives generate significant heat, the electronic design includes:
1. **Copper Traces:** The PCB often uses thickened copper layers to help dissipate heat from the controller.
2. **Thermal Pad:** A conductive pad bridges the gap between the electronic components (SSD/Chipset) and the aluminum outer shell.
3. **Aluminum Alloy Fin Design:** The "R2" version specifically features a fin-style heat sink casing to increase surface area for passive cooling.
---
### 4. Firmware & Smart Features
The onboard electronics support several advanced logical features:
* **UASP & TRIM:** Enhances data transfer speeds and maintains the longevity of the SSD cells.
* **Sleep Mode:** Automatically enters a low-power state after 10 minutes of inactivity to save energy and reduce component wear.
* **LED Indicator:** A small SMD LED on the board indicates power status (solid) and data activity (flashing).
---
### 5. Summary Code Representation (Data Mapping)
```json
{
"model": "M2PV-C3-R2",
"electronic_architecture": {
"bus_type": "PCIe Gen3 x2",
"interface": "USB 3.1 Gen2",
"controller_ic": "Realtek RTL9210",
"power_input": "5V / 0.9A (Standard USB)"
}
}
```
- ⤷What is the difference between the Realtek RTL9210 and the JMicron JMS583 controller?
- ⤷ Does this enclosure support SATA-based M.2 SSDs?
- ⤷ How does the UASP protocol improve the performance of this device?