M2PV-C23-R2/UL
AI

Based on the model number **M2PV-C23-R2/UL**, this refers to a specific industrial **Emergency Stop (E-Stop) Pushbutton Switch** manufactured by **IDEC**. This component is part of the M2 series, designed for safety-critical hardware interfaces.
### 🛠️ Technical Specifications Breakdown
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Series** | M2 Series | Compact, space-saving industrial switches. |
| **Operator Type** | Mushroom Head | 29mm or 40mm "Non-Illuminated" red button. |
| **Action Type** | Pushlock Turn Reset | Stays locked when pushed; requires a twist to release. |
| **Contact Configuration** | 2NC (2 Normally Closed) | Standard safety configuration for fail-safe circuits. |
| **Mounting Hole** | 22mm | Standard industrial cutout diameter. |
| **Rating** | 600V / 10A | Heavy-duty electrical rating (AC-15/DC-13). |
| **Certification** | UL / c-UL / CE | Meets North American and European safety standards. |
---
### 🧩 Core Electronic Components
The assembly consists of three primary electronic/mechanical sub-parts:
1. **The Operator (Button):**
* Made of high-impact polycarbonate.
* Features a "Trigger Action" mechanism which ensures that the contacts open even if the button is only partially pressed, preventing "teasing" of the switch.
2. **Contact Block (C23):**
* **2NC Arrangement:** These are "Direct Opening Action" contacts. If the internal spring fails, the physical force of the button press will mechanically force the contacts apart to ensure the machine stops.
* **Silver Contacts:** Often gold-clad to ensure high conductivity even at low voltages (5V/10mA).
3. **Terminal Structure:**
* **Screw Terminals:** Equipped with IP20 finger-safe terminal covers.
* Supports solid or stranded wiring with crimp terminals.
---
### ⚠️ Safety Features
* **Fail-Safe Design:** If the contact block becomes detached from the operator, the circuit automatically opens (stops the machine).
* **Environmental Protection:** Rated **IP65**, meaning it is dust-tight and protected against water jets, making it suitable for harsh factory environments.
---
- ⤷
What is the difference between NC and NO contacts in E-Stops?
- ⤷ How do I wire a 2NC contact block for redundant safety?
- ⤷ Can this switch be upgraded with an illuminated LED ring?