M2PV-C2S5-R/CE
AI

### Overview of the ORICO M2PV-C2S5-R/CE
The **M2PV-C2S5-R/CE** is a high-performance M.2 NVMe SSD enclosure designed by ORICO. Its primary function is to convert an internal M.2 NVMe (PCIe) solid-state drive into a portable external drive via a USB-C interface.
---
### Key Electronic Specifications
| Component/Feature | Specification |
| :--- | :--- |
| **Main Controller (Chipset)** | Realtek RTL9210 |
| **Internal Interface** | M.2 M-Key / B&M-Key |
| **External Interface** | USB 3.1 Gen 2 Type-C |
| **Supported Protocols** | NVMe (PCIe) |
| **Transfer Speed** | Up to 10Gbps |
| **Max Capacity Support** | 2TB (Typical) |
| **Power Supply** | Bus-powered (via USB) |
---
### Detailed Electronic Components
#### 1. The Controller: Realtek RTL9210
The "brain" of this device is the **Realtek RTL9210** bridge chip.
* **Function:** It translates NVMe commands to USB commands.
* **Features:** It includes a built-in power management unit and supports **UASP** (USB Attached SCSI Protocol) and **TRIM** commands, which ensure high-speed data transfer and longevity for the SSD.
* **Safety:** The chip features over-current, short-circuit, and over-voltage protection circuits.
#### 2. Thermal Management (Electronic/Physical Synergy)
While the enclosure is aluminum, the electronic design includes:
* **PCB Thermal Pads:** Conductive pads that sit between the SSD and the aluminum housing.
* **Power Efficiency:** The RTL9210 is known for low power consumption, which reduces heat generation compared to older JMicron controllers.
#### 3. PCB Layout and Connectors
* **USB-C Port:** A 24-pin Type-C female connector soldered to the PCB, supporting reversible plugging.
* **M.2 Slot:** A standard M-Key slot. Note that this specific model is designed for **NVMe** only and generally does not support SATA-based M.2 drives (B-Key).
* **LED Indicator:** A surface-mount LED that indicates power status (solid) and data activity (flashing).
---
### Compatibility Requirements
To ensure the electronic parts function at peak performance, the following conditions are required:
1. **Host Port:** Must be USB 3.1 Gen 2 to reach the full **10Gbps** speed.
2. **Drive Type:** Only supports **M.2 NVMe PCIe SSDs** (Sizes: 2230, 2242, 2260, 2280).
3. **Cable:** Requires a high-quality data cable (usually included) capable of handling 10Gbps throughput and sufficient amperage.
- ⤷
Does this enclosure support M.2 SATA SSDs or only NVMe?
- ⤷ What are the benefits of the Realtek RTL9210 controller over others?
- ⤷ Will this work with a Thunderbolt 3 or 4 port?