M2PV-C2SB-R2/UL
AI

The **M2PV-C2SB-R2/UL** is a specific variant of a professional-grade M.2 NVMe SSD Enclosure, typically associated with brands like **ORICO**. It is designed to convert an internal M.2 NVMe SSD into a high-speed external drive.
Below is a breakdown of the electronic components and technical specifications for this device.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Interface Protocol** | NVMe (PCIe Gen3 x2 or x4) |
| **External Connector** | USB Type-C |
| **Transfer Speed** | Up to 10Gbps (USB 3.1 Gen2 / USB 3.2 Gen2) |
| **Supported SSD Sizes** | 2230, 2242, 2260, 2280 |
| **Max Capacity** | Up to 2TB - 4TB (Depending on firmware) |
| **Certification** | UL (Underwriters Laboratories) Certified for safety |
---
### 2. Core Electronic Components
The functionality of the M2PV-C2SB-R2 is driven by several critical internal parts:
#### A. The Bridge Controller (The "Brain")
The heart of the device is a **Bridge Chip**, usually the **Realtek RTL9210**.
- **Function:** This IC acts as a translator between the NVMe (PCIe) language of the SSD and the USB language of the computer.
- **Features:** It includes integrated voltage regulators and supports UASP (USB Attached SCSI Protocol) and TRIM commands to maintain SSD health.
#### B. Power Management Circuitry
- **Buck Converters:** Since USB provides 5V but NVMe SSDs require 3.3V, the PCB contains step-down converters to provide stable voltage without overheating.
- **Protection Diodes:** These protect the internal circuitry from electrostatic discharge (ESD) and power surges when plugging/unplugging.
#### C. Thermal Management Components
- **Aluminum Alloy Shell:** The "R2" series usually features a finned aluminum chassis that acts as a passive heatsink.
- **Thermal Pad:** An internal silicone pad transfers heat from the SSD controller directly to the metal casing.
#### D. Connectivity & Signaling
- **USB-C Logic Controller:** Manages the "CC" pins to ensure the cable can be flipped and to negotiate power delivery.
- **LED Indicator:** A surface-mount (SMD) LED that flashes during data R/W operations to signal bus activity.
---
### 3. Usage Context (UL Designation)
The **"UL"** suffix in the part number indicates that the electronic assembly meets specific safety standards for the North American market. This ensures:
1. **Flame Retardancy:** The PCB and plastics are self-extinguishing.
2. **Current Limiting:** The device will safely shut down if the SSD draws excessive current, preventing damage to the host computer's motherboard.
- ⤷
What is the difference between the Realtek RTL9210 and JMicron JMS583 controllers?
- ⤷ Does this enclosure support SATA-based M.2 drives or only NVMe?
- ⤷ How does the 'R2' revision differ from the original M2PV model?