M2PV-C3E-R2/Q
AI

The **M2PV-C3E-R2/Q** is a high-performance M.2 NVMe SSD enclosure manufactured by ORICO. This device acts as a bridge between an internal M.2 SSD and an external USB port (typically USB-C), allowing the drive to be used as a high-speed portable storage device.
Below is an explanation of its core electronic components and technical specifications.
---
### 1. Core Hardware Components
| Component | Description |
| :--- | :--- |
| **Main Controller (Bridge)** | Usually utilizes the **Realtek RTL9210** or **JMicron JMS583**. This chip handles the protocol conversion from NVMe (PCIe) to USB 3.1 Gen2. |
| **Interface (Internal)** | **M-Key / B+M Key**: Supports M.2 NVMe SSDs (PCIe protocol). It does **not** support SATA-based M.2 SSDs. |
| **Interface (External)** | **USB Type-C**: Supports USB 3.1 Gen2 standards for high-speed data transfer. |
| **Thermal Management** | Features a built-in **Fin-style Aluminum Heat Sink** and internal thermal pads to dissipate heat generated by the NVMe controller. |
---
### 2. Technical Specifications
The "Electronic DNA" of this device is defined by its data handling capabilities:
* **Transfer Speed:** Up to **10Gbps**. In real-world scenarios, this translates to roughly 900-1000MB/s read/write speeds, provided the SSD and the host port support USB 3.1 Gen2.
* **Capacity Support:** Generally supports SSDs up to **2TB**.
* **UASP & TRIM:** Supports *USB Attached SCSI Protocol* (UASP) for faster data transfers and *TRIM* commands to maintain SSD longevity and performance.
* **Sleep Mode:** Includes an automatic "Smart Sleep" function (usually after 10 minutes of inactivity) to reduce power consumption and heat.
---
### 3. Circuit Features and Protection
The internal PCB (Printed Circuit Board) is designed with several safety features to protect the inserted SSD:
1. **Over-Current Protection:** Prevents the SSD from drawing too much power and damaging the host USB port.
2. **Short-Circuit Protection:** Shuts down the bridge chip if a short is detected.
3. **Voltage Regulation:** Converts the 5V supplied by the USB port to the 3.3V required by M.2 NVMe drives.
4. **EMI Shielding:** The aluminum alloy shell acts as an electromagnetic shield to prevent interference with other wireless peripherals (like 2.4GHz mice).
---
### 4. Compatibility Note
It is important to distinguish the electronic compatibility of this specific model:
* **Supported:** M.2 NVMe (M-Key).
* **Dimensions:** Supports 2230, 2242, 2260, and 2280 form factors.
* **Not Supported:** M.2 SATA (NGFF) protocols.
- ⤷
What is the difference between the RTL9210 and JMS583 controllers used in these enclosures?
- ⤷ Does this enclosure support Thunderbolt 3 ports at full 40Gbps speeds?
- ⤷ How do I install the thermal pad correctly for optimal heat dissipation in the M2PV?