M2PV-C3S5-R/
AI

The **ORICO M2PV-C3** (specifically the **S5-R** variant) is an NVMe M.2 SSD Enclosure. It is designed to bridge the gap between internal high-speed storage and external USB connectivity.
Below is a breakdown of its electronic components and technical specifications.
---
### 1. Key Electronic Components
The "brain" of this device is the bridge controller, which translates PCIe protocols into USB signals.
| Component | Description | Function |
| :--- | :--- | :--- |
| **Bridge Controller** | Realtek **RTL9210** | High-performance bridge chip that converts NVMe (PCIe) to USB 3.1 Gen 2. |
| **Interface** | USB 3.1 Type-C | Physical connector providing up to 10Gbps bandwidth. |
| **Internal Slot** | M-Key / B&M Key | Supports M.2 NVMe SSDs (Sizes: 2230, 2242, 2260, 2280). |
| **PCB Design** | Multi-layer Circuit Board | Features copper bars and dedicated traces for signal integrity and heat dissipation. |
| **LED Indicator** | Blue Status LED | Indicates power status and data transmission (flashing). |
---
### 2. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Transmission Rate** | 10Gbps (Theoretical maximum) |
| **Output Interface** | USB 3.1 Gen 2 Type-C |
| **Input Interface** | M.2 M-Key (NVMe Protocol) |
| **Maximum Capacity** | Supports up to 2TB SSDs |
| **Protocol Support** | UASP (USB Attached SCSI Protocol) & TRIM command |
| **Power Supply** | Bus-powered (Powered via USB port) |
---
### 3. Electronic Architecture & Features
#### A. The Realtek RTL9210 Chipset
The use of the RTL9210 is significant because it is known for:
* **Lower Power Consumption:** It runs cooler than early JMicron or ASMedia chips.
* **Auto-Sleep Function:** The firmware automatically puts the SSD into sleep mode after 10 minutes of inactivity to protect the flash memory and save power.
* **Broad Compatibility:** Supports Windows, macOS, and Linux without additional drivers.
#### B. Thermal Management (Electronic/Passive)
While the enclosure is aluminum, the electronic design includes:
* **PCBA Copper Bars:** These are integrated into the circuit board to pull heat away from the controller and the SSD.
* **Voltage Regulation:** Onboard VRMs (Voltage Regulator Modules) ensure a steady 3.3V power delivery to the SSD, even if the host USB port fluctuates.
#### C. Signal Integrity
The S5-R variant utilizes differential pair routing to ensure that at 10Gbps, there is minimal EMI (Electromagnetic Interference) and data packet loss.
---
### 4. Important Limitations
* **Not for SATA:** This specific electronic layout does **not** support M.2 SATA (NGFF) SSDs.
* **Host Dependency:** To reach the 10Gbps speeds, the host device must have a USB 3.1 Gen 2 or USB 3.2 Gen 2 port.
- ⤷What is the difference between the RTL9210 and the RTL9210B chipsets?
- ⤷ Does this enclosure support double-sided NVMe drives?
- ⤷ How do I update the firmware on an ORICO M2PV enclosure?