M2REB-R24-P
AI

The **M2REB-R24-P** is a specific part number typically associated with the **M2RE Series** of electronic components, often manufactured by companies like **IDEC** or specialized industrial interface providers. This specific code identifies a **Relay Terminal Block** or a **Relay Interface Module**.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
This device serves as an interface between a controller (like a PLC) and field devices, providing isolation and switching capabilities.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Relay Interface Terminal / Relay Board |
| **Number of Channels** | 24 Channels |
| **Input Voltage** | 24V DC (Standard for Industrial Control) |
| **Mounting Style** | DIN Rail Mount |
| **Terminal Type** | Screw or Push-in terminals (depending on sub-series) |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps identify the hardware requirements:
* **M2REB**: The series designation (Modular Relay Board).
* **R**: Indicates "Relay" output.
* **24**: Represents the number of points (24-way/24-channel).
* **P**: Usually indicates the polarity or connection type (e.g., **PNP** sourcing logic or Positive common).
---
### 3. Key Electronic Functions
#### A. Galvanic Isolation
The module uses electromagnetic relays to separate the low-power control circuit (Logic) from the high-power load circuit. This protects sensitive PLCs from voltage spikes or short circuits in the field.
#### B. Switching Capacity
Each of the 24 channels typically supports:
* **Voltage:** Up to 250V AC / 30V DC.
* **Current:** Generally rated between 2A to 5A per relay (refer to specific datasheet for thermal derating).
#### C. LED Indicators
Most versions of the R24-P include individual status LEDs for each of the 24 channels, allowing for rapid visual troubleshooting of signal flow.
---
### 4. Typical Wiring Diagram (Conceptual)
```mermaid
graph LR
A[PLC 24V DC Out] --> B[Ribbon Cable/Terminal]
B --> C{M2REB-R24-P Board}
C --> D[Relay Coil]
D --> E[Dry Contact Output]
E --> F[Field Load: Motor/Solenoid]
```
---
### 5. Application Use Cases
* **PLC I/O Expansion:** Expanding the output capacity of a PLC using a single ribbon cable.
* **Signal Multiplication:** Taking one control signal to trigger multiple isolated loads.
* **Voltage Conversion:** Using a 24V DC logic signal to switch a 230V AC motor starter.
- ⤷What is the maximum current rating per channel for the M2REB-R24-P?
- ⤷ Does this module support NPN input logic as well as PNP?
- ⤷ What type of connector is typically used for the control input?