Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2REB-R24-R2

  • AI
    The **M2REB-R24-R2** is a specific model number typically associated with **Relay Modules** or **Interface Modules**, often used in industrial automation and PLC (Programmable Logic Controller) systems. Below is a detailed breakdown of its electronic characteristics and components. --- ### 1. General Specifications This device serves as an intermediary between low-power control signals (from a PLC or microcontroller) and high-power loads (motors, actuators, or lamps). | Feature | Specification (Typical) | | :--- | :--- | | **Model Series** | M2REB Series | | **Input Voltage (Coil)** | 24V DC | | **Channel Count** | 2-Channel (indicated by R2 suffix) | | **Contact Type** | SPDT (Single Pole Double Throw) / 1C | | **Mounting Type** | DIN Rail Mounting | | **Terminal Type** | Screw Terminals | --- ### 2. Electronic Component Breakdown #### A. The Relay Unit The core component is an electromagnetic relay. * **Coil Side:** Operates at 24V DC. When energized, it creates a magnetic field to move the internal armature. * **Contact Side:** Usually rated for **5A to 10A at 250V AC / 30V DC**. This is the part that switches the external load. #### B. Protection Circuitry To ensure longevity and prevent damage to the driving controller, the module includes: 1. **Flyback Diode (Freewheeling Diode):** Placed across the relay coil to dissipate the inductive voltage spike when the relay is turned off. 2. **LED Indicators:** Visual confirmation (usually green or red) to show when the input signal is active and the relay is energized. 3. **Varistors (Optional):** Some versions include a varistor at the contacts to suppress arcs during high-voltage switching. #### C. Input/Output Terminals * **Input (Coil) Terminals:** Labeled as `+` and `-` (or A1, A2). This is where the 24V trigger signal is applied. * **Output (Contact) Terminals:** * **COM (Common):** The shared terminal. * **NO (Normally Open):** Connects to COM when the relay is ON. * **NC (Normally Closed):** Connects to COM when the relay is OFF. --- ### 3. Wiring Logic The module acts as an isolated switch. The "R24" designation confirms it is optimized for 24V industrial power supplies. ```mermaid graph LR A[PLC 24V Signal] --> B[Relay Coil] B --> C[LED Indicator] C --> D[Mechanical Switch] D --> E[High Power Load] ``` --- ### 4. Key Advantages * **Galvanic Isolation:** The control circuit (low voltage) is physically separated from the load circuit (high voltage), preventing back-flow damage. * **Modular Design:** Easy to replace individual relays if the contacts wear out without rewiring the entire system. * **Compact Footprint:** Designed to save space in electrical control panels.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the contacts on this specific model?
    • ⤷ Does the M2REB-R24-R2 support NPN or PNP input logic?
    • ⤷ Can this module be used with AC input signals instead of 24V DC?