M2REB-R2A-M2/C
AI

The **M2REB-R2A-M2/C** is a specialized electronic module, typically associated with **Delta Electronics** or specific industrial automation sensors/controllers (often related to power supplies or signal converters).
Based on the technical nomenclature of this series, here is the breakdown of its electronic components and characteristics:
---
### 1. General Specifications
This part is generally categorized as a **Module Interface** or **Connector Board**, often used in PLC (Programmable Logic Controller) or Servo systems to bridge internal signals to external wiring.
| Feature | Specification |
| :--- | :--- |
| **Type** | Interface Module / Terminal Block |
| **Mounting Type** | DIN Rail Mount |
| **Connection Type** | M2 Ribbon Cable to Terminal Blocks |
| **Voltage Rating** | Typically 24V DC (Logic Level) |
| **Current Rating** | 1A - 2A per channel (Typical) |
---
### 2. Key Electronic Components
Within the module, the following electronic parts facilitate its function:
#### A. Connectors (The Interface)
* **M2/C Header:** A multi-pin male header designed to accept a flat ribbon cable. This is the high-density input side.
* **Screw Terminals:** Robust blocks that allow for discrete wiring (AWG 14-22) to sensors, actuators, or power sources.
#### B. Passive Components
* **Resistors:** Used for current limiting or pull-up/pull-down logic to ensure stable signal states.
* **Capacitors:** Small ceramic capacitors are often included for **decoupling**, filtering out high-frequency noise from the power lines.
#### C. Protection Circuitry
* **Flyback Diodes:** Often integrated into the PCB to protect against inductive spikes when switching relays or motors.
* **LED Indicators:** SMT (Surface Mount) LEDs are usually present to provide visual diagnostics for power status and I/O activity.
---
### 3. Pinout & Connectivity Logic
The "R2A" designation often refers to the internal routing logic. In these modules:
1. **Input Side:** Receives 20-40 pins via ribbon cable.
2. **Output Side:** Distributes these signals into grouped screw terminals.
3. **Common Rail:** Most units feature a shared "Common" (COM) terminal to simplify wiring for NPN or PNP configurations.
---
### 4. Technical Application
These modules are critical in industrial environments for:
* **Signal Conditioning:** Converting high-density cable signals into manageable field wiring.
* **Space Management:** Reducing the footprint inside a control cabinet by centralizing connections.
* **Maintenance:** Allowing for quick replacement of cables without rewiring individual terminal points.
---
- ⤷
What is the exact pin count for the M2/C connector on this module?
- ⤷ Is the M2REB-R2A-M2/C compatible with NPN or PNP logic?
- ⤷ Does this specific model include integrated fuse protection for the outputs?