Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2REB-R2A-M2/CE

  • AI
    The **M2REB-R2A-M2/CE** is a specialized electronic module, typically associated with **Mitsubishi Electric** or industrial automation systems involving **MELDAS** or **MELSEC** platforms. Specifically, this part number refers to a **Remote I/O (Input/Output) Interface Unit** used for connecting field sensors and actuators to a centralized CNC or PLC controller via a high-speed bus. Below is a breakdown of the electronic components and technical specifications for this unit. --- ### 1. Key Technical Specifications The unit serves as a bridge between the physical machinery and the digital processing unit. | Feature | Specification | | :--- | :--- | | **Type** | Remote I/O Unit (Expansion Module) | | **Communication Protocol** | RIO Bus (Remote I/O) | | **Input Points** | Typically 32 or 64 Points (Model dependent) | | **Output Points** | Typically 32 or 64 Points (Model dependent) | | **Power Supply** | 24V DC (Standard Industrial) | | **Mounting Type** | DIN Rail or Panel Mount | | **Safety Standards** | CE Certified (indicated by the /CE suffix) | --- ### 2. Core Electronic Subsystems The internal architecture of the M2REB-R2A consists of several critical electronic sections: #### A. Communication Interface (RIO Port) This is the heart of the module. It uses a high-speed serial interface to communicate with the main CPU. It includes: * **Differential Transceivers:** To ensure noise immunity over long cable runs. * **Isolation Transformers/Optocouplers:** To protect the main system from electrical surges on the I/O lines. #### B. Digital Input Circuitry These circuits detect the "ON/OFF" state of switches or sensors. * **Photocouplers:** Used for electrical isolation between the high-voltage field side and the low-voltage logic side. * **RC Filters:** Integrated to "debounce" signals and prevent false triggering from electrical noise. #### C. Output Drive Circuitry These circuits send signals to relays, solenoids, or lamps. * **Transistor/MOSFET Arrays:** Used for switching DC loads. * **Freewheeling Diodes:** Protect the transistors from inductive spikes when switching coils (solenoids). #### D. Power Regulation * **DC-DC Converters:** Converts the incoming 24V DC to internal logic levels (usually 3.3V or 5V). * **Overcurrent Protection:** Includes resettable fuses (PTCs) to prevent damage during a short circuit. --- ### 3. Connection and Pinout Overview The unit typically utilizes high-density connectors (such as Honda or Hirose connectors) to manage the large number of I/O points in a small footprint. * **CN1/CN2:** Usually reserved for the RIO Bus (Input from Controller / Output to next Remote Unit). * **TB1 (Terminal Block):** Used for Power Supply (24V and Ground). * **I/O Connectors:** Multi-pin headers for field wiring. --- ### 4. Meaning of the Part Number Suffixes * **M2REB:** The base series for Remote I/O. * **R2A:** Indicates the specific revision or physical layout of the I/O (e.g., specific mix of sink/source inputs). * **M2:** Often denotes the specific version of the communication chip or memory capacity. * **CE:** Confirms the module meets European safety, health, and environmental protection requirements.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Sink and Source wiring for this specific I/O module?
    • ⤷ How do you troubleshoot a 'Communication Error' LED on this unit?
    • ⤷ What are the compatible CNC or PLC controllers for the M2REB series?