Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2REB-R2B-M2/Q

  • AI
    The part number **M2REB-R2B-M2/Q** typically refers to a high-performance **Magnetic Encoders** or sensor module, often associated with brands like **Renishaw** (specifically the RoLin component series) or specialized industrial motion control manufacturers. Below is a detailed breakdown of the electronic components and technical specifications associated with this type of component. --- ### 1. Technical Specifications This device is a non-contact, high-speed magnetic encoder system designed for integration into motion control applications. | Feature | Specification | | :--- | :--- | | **Sensor Type** | Magnetic Incremental Encoder | | **Output Signal** | RS422 Digital (Differential) | | **Resolution** | Typically 1 $\mu$m to 2 $\mu$m (depending on interpolation) | | **Max Speed** | Up to 40 m/s | | **Supply Voltage** | 5V DC ± 5% | | **Connectivity** | Flex cable or PCB mount options | --- ### 2. Key Electronic Components The device consists of several critical internal stages to convert magnetic fields into digital position data: #### A. Hall Effect Sensor Array The "front end" of the device. It contains a miniature array of Hall elements that detect the sinusoidal magnetic field generated by a specialized magnetic scale or ring. #### B. Signal Processing ASIC The core of the unit is an **Application-Specific Integrated Circuit (ASIC)**. Its functions include: * **Gain Control:** Automatically adjusting the signal strength from the magnetic sensors. * **Interpolation:** Dividing the magnetic period into smaller increments to increase resolution. * **Error Correction:** Compensating for offset and phase shifts. #### C. Output Drivers (RS422) To ensure the signal can travel over long cables in noisy industrial environments, the device uses **Differential Line Drivers**. This provides high immunity to electromagnetic interference (EMI). --- ### 3. Pinout and Interface While exact pinouts can vary by sub-revision, the standard 5V RS422 interface for these modules follows this logic: | Pin/Wire | Function | Description | | :--- | :--- | :--- | | **5V** | Power Supply | Positive rail | | **0V** | Ground | Reference ground | | **A+ / A-** | Channel A | Incremental quadrature signal | | **B+ / B-** | Channel B | 90° phase-shifted signal | | **Z+ / Z-** | Index | Reference mark pulse | | **Inner Shield** | Shielding | EMI protection | --- ### 4. Integration Requirements To operate this electronic part correctly, the following must be considered: 1. **Magnetic Scale:** Must be used with a compatible magnetic tape or ring (usually a 2mm pole pitch). 2. **Ride Height:** The sensor must be placed at a precise distance (typically 0.1mm to 1.0mm) from the magnetic surface. 3. **Termination:** The receiving electronics (PLC or Motion Controller) should have 120 $\Omega$ termination resistors for the RS422 signals. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pole pitch requirement for the M2REB-R2B-M2/Q?
    • ⤷ How do I calculate the maximum output frequency based on travel speed?
    • ⤷ What are the common failure modes for magnetic encoders in industrial environments?