M2REB-R2C-P
AI

The **M2REB-R2C-P** is a specific industrial-grade connector part, typically associated with **ribbon cable assemblies** or **IDC (Insulation Displacement Connector)** systems. It is commonly manufactured by brands like **3M** or **Oupiin** and is designed for board-to-wire connections.
---
### ## Technical Specifications
Below are the primary electronic and physical characteristics of the part:
| Feature | Description |
| :--- | :--- |
| **Component Type** | IDC Socket / Ribbon Cable Connector |
| **Pitch** | 2.54mm (0.1 inch) |
| **Number of Positions** | 2 Rows (typically indicated by the "R2" code) |
| **Termination Style** | IDC (Insulation Displacement) |
| **Mounting Type** | Cable Mount (Free Hanging) |
| **Contact Plating** | Usually Gold or Selective Gold/Tin |
| **Polarization** | Central Bump/Polarization Key |
---
### ### Key Electronic Components & Materials
1. **Contacts:** Usually made of **Phosphor Bronze** or Copper Alloy to ensure high conductivity and resistance to corrosion.
2. **Insulator:** High-temperature thermoplastic (UL94V-0 rated), designed to withstand soldering heat if used in proximity to PCB components.
3. **Strain Relief:** The "-P" suffix often indicates the inclusion of a plastic strain relief clip, which prevents the ribbon cable from pulling out of the IDC contacts during vibration or manual handling.
---
### ### Common Applications
* **Internal Data Bus:** Connecting motherboards to peripheral devices.
* **Industrial Control Systems:** Wiring for PLC (Programmable Logic Controller) modules.
* **Prototyping:** Used extensively with breadboards and development kits (like Raspberry Pi or Arduino) that utilize 2.54mm headers.
---
### ### Part Number Breakdown (Typical)
* **M2REB:** Series designation for Ribbon Connectors.
* **R2:** Denotes 2 Rows of pins.
* **C:** Typically indicates a specific contact type or housing style (Closed end).
* **P:** Denotes the presence of a **Strain Relief** or specific Packaging.
---
- ⤷What is the maximum current rating for this connector type?
- ⤷ How do I correctly crimp a ribbon cable onto an M2REB connector?
- ⤷ What is the difference between this and a standard female header?