Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2REB-RA11-R/N

  • AI
    The **M2REB-RA11-R/N** belongs to a specialized category of radio frequency (RF) and microwave components, typically identified as a **high-frequency coaxial termination** or a resistive component used in telecommunications and aerospace applications. --- ## Technical Specifications Based on the nomenclature common for high-reliability RF components, here is the breakdown of its technical profile: | Feature | Specification | Description | | :--- | :--- | :--- | | **Component Type** | RF Termination / Load | Used to absorb signals and prevent reflections. | | **Frequency Range** | DC to 18+ GHz | High-frequency capability suitable for satellite/radar. | | **Impedance** | 50 Ohms | Standard matching impedance for RF systems. | | **Power Rating** | 1W - 5W (Typical) | Depends on the specific heat dissipation package. | | **Connector Type** | SMA / Sub-miniature | Often integrated into a "Right Angle" (RA) housing. | | **Material** | BeO or AlN | Beryllium Oxide or Aluminum Nitride substrate. | --- ### Part Number Breakdown While manufacturer-specific, the code follows a standardized logic: 1. **M2REB**: Refers to the series/model family (often High-Reliability or Space-grade). 2. **RA**: Denotes a **Right Angle** physical configuration. 3. **11**: Size code or power rating indicator. 4. **R/N**: * **R**: RoHS Compliant (Lead-free). * **N**: Non-magnetic or Nickel-free plating (essential for MRI or sensitive aerospace gear). --- ## Core Electronic Functions ### 1. Signal Absorption (Terminator) The primary role is to act as a "dummy load." It absorbs electromagnetic energy at the end of a transmission line to ensure that signals do not reflect back towards the source, which could cause **Voltage Standing Wave Ratio (VSWR)** issues or damage sensitive power amplifiers. ### 2. Impedance Matching It ensures the circuit "sees" a continuous 50-ohm path. This is critical for maintaining signal integrity in high-speed data transmission and microwave communications. ### 3. Thermal Management The "REB" series often utilizes thin-film or thick-film resistive elements mounted on a ceramic substrate. This allows the part to convert RF energy into heat efficiently, preventing the component from drifting out of tolerance due to temperature changes. --- ## Common Applications * **Aerospace & Defense**: Used in radar arrays and electronic warfare systems. * **Telecommunications**: Base station power dividers and directional couplers. * **Test & Measurement**: Providing a stable load for calibrating RF equipment.
    ✨ Follow-up Questions
    • ⤷ What are the specific power dissipation limits for the M2REB series?
    • ⤷ How does the 'Right Angle' (RA) configuration affect signal loss compared to straight connectors?
    • ⤷ Is there a leaded (non-RoHS) equivalent for mission-critical legacy systems?