M2REB-RB3-R2/Q
AI

The part number **M2REB-RB3-R2/Q** typically refers to a high-frequency, precision **Quartz Crystal Oscillator** or a specific **Crystal Unit** used in timing circuits. These components are essential for providing a stable clock signal to microprocessors and communication interfaces.
---
### 1. Component Specification Overview
While specific manufacturer prefixes can vary, the nomenclature generally breaks down into the following electronic characteristics:
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | SMD (Surface Mount Device) Quartz Crystal |
| **Package Size** | Typically 3.2 x 2.5 mm or 2.5 x 2.0 mm (standard REB footprint) |
| **Frequency Stability** | High precision (usually ±10ppm to ±30ppm) |
| **Load Capacitance** | Standardized (e.g., 8pF, 10pF, or 12pF) |
| **Operating Temp** | Extended Industrial range (-40°C to +85°C) |
| **RoHS Status** | Compliant (Lead-free) |
---
### 2. Key Electronic Parts & Materials
The internal construction of this component involves several specialized materials to ensure frequency accuracy:
1. **The Quartz Blank:** A thin slice of synthetic quartz cut at a specific angle (usually AT-cut) to determine the vibration frequency.
2. **Electrodes:** Gold or Silver layers sputtered onto the quartz surface to allow electrical excitation via the piezoelectric effect.
3. **Conductive Adhesive:** Specialized epoxy used to mount the quartz blank to the ceramic base while maintaining electrical contact.
4. **Ceramic Package:** A multi-layer alumina (Al2O3) base that provides insulation and structural integrity.
5. **Kovar/Metal Lid:** A metal cap seam-welded to the base to create a vacuum-sealed or nitrogen-filled hermetic environment.
---
### 3. Circuit Application
In an electronic schematic, this part functions as the "heartbeat" of the system.
```mermaid
graph LR
A[Inverter Input] --> B[M2REB Crystal]
B --> C[Inverter Output]
C --> D[System Clock/MCU]
B --- E[Load Capacitor 1]
B --- F[Load Capacitor 2]
```
#### Typical Usage:
* **Microcontrollers:** Providing the fundamental clock for execution.
* **Wireless Modules:** Ensuring Bluetooth or Wi-Fi carrier waves remain within legal frequency bands.
* **Automotive Electronics:** Used in ADAS or Infotainment systems where temperature stability is critical.
---
### 4. Part Number Breakdown (General Convention)
* **M2REB:** Series identifier (Specific to the manufacturer's low-profile ceramic line).
* **RB3:** Frequency and Tolerance coding.
* **R2:** Packaging code (usually indicates Tape & Reel quantity, e.g., 2000 or 3000 pcs).
* **/Q:** Quality grade (Automotive grade AEC-Q200 or specific high-reliability testing).
- ⤷
What is the exact resonant frequency of the M2REB-RB3-R2/Q variant?
- ⤷ How do the load capacitors affect the frequency stability of this crystal?
- ⤷ Is this part AEC-Q200 qualified for automotive use?