M2REB-RB3-R2/UL
AI

## Electronic Component Overview: M2REB-RB3-R2/UL
The **M2REB-RB3-R2/UL** is a specific part number belonging to the **M2 series** of industrial pushbuttons/selectors manufactured by **Nidec Components** (formerly Copal Electronics). This specific part is a miniature, sub-miniature, or standard illuminated pushbutton switch designed for PCB mounting or panel integration.
---
### 1. Technical Specifications
The part number is structured to define the physical and electrical characteristics of the switch.
| Characteristic | Specification / Detail |
| :--- | :--- |
| **Series** | M2 Series (Sub-miniature / Miniature Switch) |
| **Circuitry** | DPDT (Double Pole Double Throw) |
| **Switching Function** | ON - (ON) / Momentary (Spring Return) |
| **Contact Rating** | Typically 6A @ 125VAC or 3A @ 250VAC |
| **Termination Style** | Right-angle PCB terminals (RB3 designation) |
| **Illumination** | Integrated LED (Red) |
| **Compliance** | UL (Underwriters Laboratories) Recognized |
---
### 2. Breakdown of the Part Number
To understand the "electronic parts" of this assembly, we break down the nomenclature:
1. **M2**: The base series identifier for the switch type.
2. **REB**: Indicates the actuator style and the built-in Red LED illumination.
3. **RB3**: Refers to the terminal configuration. "RB" usually denotes **Right-angle** mounting for PC boards, allowing the switch to sit horizontally on a vertical board.
4. **R2**: Refers to the specific resistance or LED voltage rating (often standard 2V or specific current limiting).
5. **UL**: Confirms the component meets North American safety standards for flame retardancy and electrical insulation.
---
### 3. Key Electronic Features
* **Bifurcated Contacts:** Often used in these series to ensure high contact reliability even under low-current conditions (logic level).
* **Snap-Action Mechanism:** Provides a crisp tactile feel and prevents "arcing" by ensuring rapid contact separation.
* **LED Integration:** The internal LED is electrically isolated from the switch contacts, allowing the light to be controlled independently by a microcontroller or PLC.
* **High Dielectric Strength:** Typically rated for 1,000V AC for one minute, ensuring safety between the circuit and the operator.
---
### 4. Typical Applications
This component is frequently found in:
* **Industrial Control Panels:** As a reset or start button.
* **Test and Measurement Equipment:** For mode selection.
* **Telecommunications:** In rack-mounted hardware where space is limited.
* **Medical Devices:** Due to high reliability and UL certification.
- ⤷
What is the exact footprint dimensions for the RB3 right-angle mounting?
- ⤷ Can this switch be used for low-current DC signal switching?
- ⤷ What are the specific LED voltage requirements for the R2 variant?