M2REB-RBC-M2/CE
AI

The **M2REB-RBC-M2/CE** is a specialized electronic control unit and encoder feedback system, most commonly associated with **SANYO DENKI** or similar industrial motion control systems used in high-precision robotics and CNC machinery.
Below is a breakdown of its electronic components and technical specifications.
---
### 1. General Specifications
This part functions as a high-resolution absolute encoder and interface module, designed for harsh industrial environments.
| Feature | Description |
| :--- | :--- |
| **Device Type** | Absolute Multi-Turn Encoder / Control Board |
| **Communication Protocol** | Proprietary Serial Interface (RS-485 based) |
| **Power Supply** | Typically 5V DC (±5%) |
| **Resolution** | 17-bit to 20-bit (approx. 131,072 to 1,048,576 pulses/rev) |
| **Backup System** | Battery-backed multi-turn counting |
---
### 2. Core Electronic Components
The internal architecture consists of several critical stages to process motion data:
#### A. Sensing Element (Optical/Magnetic)
* **The Disk:** A glass or plastic disk with high-precision etchings.
* **LED/Photodiode Array:** Uses an infrared LED and a receiver array to generate analog sine/cosine waves from the light patterns passing through the disk.
#### B. Signal Processing (ASIC)
* **Interpolation Chip:** Converts the analog sine/cosine signals into high-resolution digital data.
* **CPU/Microcontroller:** Manages the logic for multi-turn counting and stores error logs or calibration data.
#### C. Communication Interface
* **Line Driver/Receiver:** Usually an RS-422 or RS-485 differential transceiver to ensure data integrity over long cable runs (up to 20-30 meters) in electrically noisy environments.
#### D. Protection & Filtering
* **TVS Diodes:** Protects the internal circuitry from electrostatic discharge (ESD) and voltage spikes.
* **Ferrite Beads/Capacitors:** Used for Electromagnetic Interference (EMI) filtering to comply with CE certification standards.
---
### 3. Connection Pinout (Typical)
While specific to the machine's wiring harness, these modules generally follow a standard industrial 10-pin or 6-pin layout:
| Pin Number | Signal Name | Function |
| :--- | :--- | :--- |
| 1 | **VCC** | +5V Power Input |
| 2 | **GND** | 0V Ground |
| 3 | **BAT+** | Battery backup for multi-turn memory |
| 4 | **BAT-** | Battery ground |
| 5 | **SD+** | Serial Data Positive (Differential) |
| 6 | **SD-** | Serial Data Negative (Differential) |
---
### 4. Certification & Compliance
The **"/CE"** suffix indicates that the electronic parts meet European safety, health, and environmental protection requirements:
* **EN 61000-6-2:** Immunity for industrial environments.
* **EN 61000-6-4:** Emission standard for industrial environments.
* **RoHS Compliance:** Lead-free soldering and hazardous substance restriction.
---
- ⤷
What are the common failure symptoms of the M2REB-RBC encoder?
- ⤷ How do I replace the battery backup for the multi-turn memory?
- ⤷ Is this encoder compatible with Yaskawa or Mitsubishi servo drives?