M2REB-RCC-M2/Q
AI

The **M2REB-RCC-M2/Q** is a specialized electronic component, typically categorized as a **Radio Frequency (RF) / Remote Control (RC) Transceiver Module**. These modules are frequently utilized in industrial automation, smart home systems, and specialized telemetry applications.
---
### 🛠️ Key Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Component Type** | RF Transceiver / Remote Control Module |
| **Frequency Range** | Usually sub-1GHz (315MHz, 433MHz, or 868MHz depending on regional SKU) |
| **Interface** | Serial (UART/SPI) or Parallel depending on the carrier board |
| **Operating Voltage** | Typically 3.3V to 5V DC |
| **Modulation** | FSK (Frequency Shift Keying) or OOK (On-Off Keying) |
---
### 🧩 Core Electronic Components
The module is comprised of several critical internal parts:
1. **RF IC (Integrated Circuit):** The "brain" of the RF signal processing, responsible for frequency synthesis and signal modulation/demodulation.
2. **SAW Filter (Surface Acoustic Wave):** Used to filter out interference from other wireless signals, ensuring a clean frequency band.
3. **Crystal Oscillator:** Provides a precise clock frequency to ensure the transmitter and receiver remain synchronized.
4. **Impedance Matching Network:** A collection of tiny capacitors and inductors that ensure the signal travels efficiently from the IC to the antenna port without reflection.
5. **MCU (Microcontroller Unit):** Some versions include a small onboard MCU to handle protocol encoding/decoding (like Rolling Code or Fixed Code).
---
### 📋 Applications
This specific part is often found in the following systems:
* **Industrial Cranes:** Remote operation of heavy machinery.
* **Gate Openers:** Residential and commercial automated entry systems.
* **Telemetry:** Wireless data transmission from sensors in remote locations.
---
### ⚠️ Identification Note
The suffix **"/Q"** often denotes a specific quality grade or a variation in the packaging (e.g., "Qualified" for automotive or industrial temperature ranges). If you are replacing this part, ensure the frequency marked on the crystal (the small silver oval component) matches your existing hardware exactly.
- ⤷
What is the exact frequency rating for the M2REB-RCC-M2/Q?
- ⤷ How do I troubleshoot a signal loss issue with this specific module?
- ⤷ Is this module compatible with standard Arduino or ESP32 development boards?