M2REB-S21-R2
AI

The **M2REB-S21-R2** is a specific electronic component typically associated with industrial automation, specifically within the realm of **positioning sensors** or **rotary encoders**. This part number is often linked to brands like *Panasonic* or *Nais* (frequently used in surface mount technology or robotic arms).
---
## Technical Specifications & Characteristics
Below is a breakdown of the typical electronic attributes of this component category:
| Parameter | Description |
| :--- | :--- |
| **Component Type** | Magnetic or Optical Rotary Encoder / Sensor |
| **Connection Type** | Surface Mount (SMT) or specialized connector interface |
| **Resolution** | High-precision pulse count for position tracking |
| **Voltage Range** | Typically operates at 5V DC or 12V-24V DC depending on the driver |
| **Signal Output** | Incremental A/B phase signals (Quadrature) |
---
## Key Electronic Sub-Parts
The M2REB-S21-R2 consists of several critical internal elements that allow it to function within a control loop:
### 1. Sensing Element
* **The Disc/Magnet:** If optical, it uses a slotted disc; if magnetic, it uses a multi-pole magnet.
* **The Detector:** A photo-transistor array or a Hall-effect IC that converts physical rotation into electrical pulses.
### 2. Signal Processing Circuitry
* **Operational Amplifiers (Op-Amps):** Used to buffer and amplify the weak signals from the detector.
* **Schmitt Triggers:** These components are used to "square up" the waveform, converting analog sine-waves into clean digital square waves (Logic 0 and Logic 1).
### 3. Connection Interface
* **Output Pins:** Typically includes VCC (Power), GND (Ground), Phase A, Phase B, and sometimes a Z-Phase (Index pulse for zero-positioning).
* **Housing:** R2 often denotes a specific revision or packaging style, usually designed for high-vibration environments.
---
## Typical Applications
This part is commonly integrated into:
1. **Servo Motors:** To provide feedback on shaft position and speed.
2. **SMT Pick-and-Place Machines:** Specifically in feeder units or head rotation axes.
3. **Medical Equipment:** For precise control of moving parts in imaging or robotic surgery.
---
- ⤷
What is the pinout diagram for the M2REB series?
- ⤷ How does the R2 revision differ from the R1 version?
- ⤷ Is the M2REB-S21-R2 compatible with 5V TTL logic?