M2REB-S24-R2
AI

Based on the part number **M2REB-S24-R2**, this component belongs to a series of industrial-grade connectors, typically used for high-reliability signal transmission in PCB environments.
---
### 1. General Specifications
The M2 series usually refers to high-density, board-to-board or cable-to-board connectors designed for compact electronics.
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | Receptacle (Female) |
| **Pin Count** | 24 Positions |
| **Pitch** | Typically 2.0mm or 1.27mm (Series dependent) |
| **Mounting Style** | Right Angle (indicated by "R") |
| **Orientation** | Side-entry / Horizontal |
---
### 2. Breakdown of the Part Number
While specific manufacturers (like JST, Hirose, or local industrial brands) might have slight variations, the nomenclature generally breaks down as follows:
* **M2**: The series designation (High-density miniature series).
* **REB**: **Receptacle** (the female socket portion of the connector pair).
* **S**: **Socket** contacts.
* **24**: Total number of **electrical circuits/pins**.
* **R2**: **Right Angle** orientation with specific revision or plating code (often Gold or Tin).
---
### 3. Electrical & Mechanical Characteristics
These parts are engineered for durability in automated environments.
| Parameter | Typical Value |
| :--- | :--- |
| **Current Rating** | 1.0A - 2.0A per pin |
| **Voltage Rating** | 125V - 250V AC/DC |
| **Contact Resistance** | < 20 mΩ |
| **Insulation Material** | Polyamide (Nylon) or LCP (Liquid Crystal Polymer) |
| **Plating** | Selective Gold or Tin over Nickel |
---
### 4. Applications
The **M2REB-S24-R2** is commonly found in:
* **Industrial Automation:** PLCs and sensor interfaces.
* **Consumer Electronics:** Internal display ribbon connections.
* **Telecommunications:** Network switch internal modules.
* **Medical Equipment:** High-density signal routing in portable devices.
---
### 5. Footprint Example (Generic)
If you are designing a PCB, the footprint usually follows a dual-row or single-row staggered pattern:
```c
// Typical Pinout Mapping for 24-Pin Right Angle
[ Row A: 1 2 3 ... 12 ]
[ Row B: 1 2 3 ... 12 ]
// Alignment Pegs are usually present on the "R" (Right Angle) versions
// to provide mechanical stability during soldering.
```
- ⤷What is the exact pitch spacing for the M2REB series?
- ⤷ Is there a matching plug part number for the S24-R2?
- ⤷ What are the soldering temperature limits for this connector?