M2REB-S2B-R
AI

The **M2REB-S2B-R** is a specific electronic component typically classified as a **Miniature Pushbutton Switch** or a related tactile interface component, often manufactured by companies like **NKK Switches**.
Below is a detailed breakdown of its electronic and mechanical specifications.
---
### 1. General Specifications
This part belongs to a series of high-reliability, subminiature switches designed for PCB (Printed Circuit Board) mounting.
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Pushbutton Switch |
| **Circuit Configuration** | SPDT (Single Pole Double Throw) |
| **Switch Function** | ON - (ON) / Momentary |
| **Mounting Type** | Through-Hole (PCB Mount) |
| **Actuator Style** | Plunger / Round |
---
### 2. Electrical Characteristics
These parameters define the limits of the electrical load the switch can handle safely.
* **Current Rating:** Typically rated for low logic levels, often around **0.4VA maximum** at **28V AC/DC maximum**.
* **Contact Resistance:** Generally below **50 milliohms** (initial).
* **Insulation Resistance:** Minimum of **500 Megohms** at 500V DC.
* **Dielectric Strength:** Capable of withstanding **500V AC** for at least one minute.
---
### 3. Mechanical & Material Details
The "R" suffix in the part number often denotes specific compliance or packaging standards (such as RoHS compliance).
* **Actuation Force:** Usually light to medium (approx. 1.5N to 3N) to provide tactile feedback.
* **Mechanical Life:** Designed for high durability, often rated for **50,000 to 100,000 cycles**.
* **Terminals:** Gold-plated terminals are standard for this series to ensure reliable logic-level switching and prevent oxidation.
* **Sealing:** Many variants in this series feature an automated soldering-friendly design with internal O-rings or epoxy seals to prevent flux entry.
---
### 4. Part Number Breakdown (Typical)
| Segment | Meaning |
| :--- | :--- |
| **M2** | Series designation (Micro-subminiature) |
| **REB** | Actuator and Frame Type (Process Sealed / Pushbutton) |
| **S2** | Terminal style (Straight PC Mount) |
| **B** | Contact Material (Gold) |
| **R** | RoHS Compliant / Revision code |
---
### 5. Common Applications
Due to its small footprint and high reliability, the M2REB-S2B-R is commonly found in:
1. **Handheld Devices:** Power or reset buttons.
2. **Instrumentation:** Mode selection in medical or industrial testing gear.
3. **Telecommunications:** Signal switching in networking hardware.
4. **Peripheral Equipment:** Input buttons on specialized keyboards or controllers.
- ⤷
What is the difference between SPDT and DPDT configurations in these switches?
- ⤷ Are there specific soldering temperature requirements for the M2REB series?
- ⤷ Can this switch be used for high-voltage AC applications?