M2REB-S33-R
AI

The **M2REB-S33-R** is a high-performance, industrial-grade Surface Mount Technology (SMT) component, typically categorized as a **Magnetic Rotary Encoder Sensor** or a specialized **Magnetic Angle Sensor IC**. These parts are designed to detect the angular position of a magnet rotating over the chip.
---
### 1. Key Technical Specifications
Below is a breakdown of the typical electronic characteristics for this series:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Supply Voltage (Vcc)** | 3.3V to 5.0V DC |
| **Resolution** | 10-bit to 12-bit (depending on interface) |
| **Output Type** | Analog (Ratiometric) / PWM / SPI |
| **Operating Temperature** | -40°C to +125°C (Industrial Grade) |
| **Package Type** | SOP-8 or TSSOP-8 (Surface Mount) |
| **Magnetic Field Range** | 30mT to 80mT (Typical) |
---
### 2. Internal Architecture
The M2REB-S33-R utilizes **Hall Effect technology** integrated into a single CMOS chip. The internal electronic parts consist of:
1. **Hall Element Array:** A circular arrangement of sensors that detect the vertical component of the magnetic field.
2. **Differential Amplifier:** Boosts the weak signals from the Hall elements.
3. **CORDIC Processor:** A digital block that calculates the tangent/arctangent of the sine and cosine signals to determine the absolute angle.
4. **Voltage Regulator:** Ensures stable internal operation despite fluctuations in the input power supply.
---
### 3. Application Circuit Example
To integrate this part, a standard decoupling capacitor and a pull-up resistor (if using digital outputs) are required.
```cpp
// Example: Basic Logic for Reading SPI Data from Encoder
#include
const int CS_PIN = 10;
void setup() {
pinMode(CS_PIN, OUTPUT);
SPI.begin();
}
int readAngle() {
digitalWrite(CS_PIN, LOW);
int data = SPI.transfer16(0x00); // Read 16-bit packet
digitalWrite(CS_PIN, HIGH);
return (data & 0x0FFF); // Masking for 12-bit resolution
}
```
---
### 4. Common Use Cases
* **Robotics:** For joint position feedback in servo motors.
* **Automotive:** Throttle position sensing and steering angle detection.
* **Industrial Automation:** Replacing traditional optical encoders in dusty or oily environments where light-based sensors would fail.
* **Human-Machine Interface (HMI):** Digital knobs and rotary switches.
---
- ⤷
What is the maximum RPM supported by the M2REB-S33-R sensor?
- ⤷ How does magnetic interference affect the accuracy of this component?
- ⤷ Can you provide the specific pinout diagram for the SOP-8 package?