M2REB-S43-R
AI

The **M2REB-S43-R** is a specific part number typically associated with high-performance **M.2 (NGFF) Connectors**, often manufactured by companies like **Yamaichi Electronics**. These components are critical in modern computing for interfacing SSDs, Wi-Fi cards, and cellular modules with motherboards.
---
### 1. Key Technical Specifications
The part number defines the physical and electrical characteristics of the socket. Below is a breakdown of the typical specifications for this series:
| Feature | Specification |
|:---|:---|
| **Connector Type** | M.2 (Next Generation Form Factor) |
| **Interface Style** | Card Edge Connector (Right Angle) |
| **Number of Positions** | 67-Pin or 75-Pin (depending on keying) |
| **Pitch** | 0.50 mm |
| **Mounting Type** | Surface Mount (SMT) |
| **Keying** | Typically "B" Key or "M" Key (check datasheet for S43 suffix) |
| **Height** | 4.3mm (Standard profile) |
---
### 2. Component Composition
The electronic part consists of three primary material groups:
1. **Contacts:** Usually made of **Copper Alloy** with **Gold plating** over Nickel. Gold is used to ensure low contact resistance and prevent oxidation over high-speed data cycles.
2. **Insulator/Housing:** High-temperature thermoplastic (e.g., LCP - Liquid Crystal Polymer) designed to withstand **Reflow Soldering** temperatures (approx. 260°C).
3. **Solder Tabs/Pegs:** Metal tabs on the sides of the connector that provide mechanical stability to the PCB, ensuring the connector doesn't rip off when a module is inserted.
---
### 3. Application Use Cases
This connector acts as the bridge for high-speed protocols. Its internal electronic design supports:
* **PCIe (Peripheral Component Interconnect Express):** Up to Gen 3 or Gen 4 speeds.
* **SATA 3.0:** For M.2 SATA SSDs.
* **USB 3.0/HS:** Often used when the M.2 slot hosts a WWAN (4G/5G) module.
---
### 4. Part Number Breakdown (Typical)
While naming conventions vary slightly by manufacturer, the code generally follows this logic:
```text
M2 : Series (M.2 Type)
REB: Connector Orientation/Style
S43: Height (4.3mm Profile)
R : Packaging (Tape & Reel for automated assembly)
```
- ⤷
What is the difference between a B-key and an M-key in M.2 connectors?
- ⤷ How does the 4.3mm height affect the thermal management of an SSD?
- ⤷ What are the soldering requirements for SMT M.2 connectors?