M2REB-S4D-R
AI

The **M2REB-S4D-R** is a specific part number belonging to the **M2 series** of high-speed, board-to-board connectors, typically manufactured by **JAE (Japan Aviation Electronics)**. These components are designed for high-density mounting and high-speed signal transmission.
---
## Technical Specifications
The following table outlines the key electrical and physical characteristics of this component series:
| Parameter | Specification |
| :--- | :--- |
| **Connector Type** | Receptacle (Board-to-Board) |
| **Pitch** | 0.5 mm |
| **Number of Contacts** | 40 (Commonly indicated by the '4' or '40' coding) |
| **Mounting Type** | Surface Mount (SMT) |
| **Orientation** | Right-Angle / Straight (Depending on exact suffix) |
| **Rated Current** | 0.5A per contact |
| **Rated Voltage** | 50V AC/DC |
| **Transmission Speed** | Supports PCIe Gen3, USB 3.0, and SATA 3.0 |
---
## Component Breakdown
The part number follows a specific nomenclature used by the manufacturer:
### 1. High-Speed Interface
The M2 series is specifically engineered to handle differential signaling with minimal crosstalk and impedance mismatch. This makes it ideal for applications requiring high bandwidth in a small footprint.
### 2. Contact Design
* **Gold Plating:** The "R" suffix often indicates "RoHS compliant" and refers to the finish (usually gold over nickel) to ensure low contact resistance and prevent oxidation.
* **Dual Contact:** The internal structure usually features a two-point contact design to ensure reliability under high-vibration environments.
### 3. Application Areas
* **Computing:** Internal connections for laptops, tablets, and servers.
* **Storage:** Connecting SSDs or high-speed interface cards.
* **Industrial:** High-density PLC modules and vision systems.
---
## Connection Diagram (Logic)
```mermaid
graph LR
A[Main Board] -- M2REB-S4D-R --> B[Daughter Card/Module]
B -- Signal Return --> A
style A fill:#f9f,stroke:#333
style B fill:#bbf,stroke:#333
```
---
## Key Features
* **Compact Form Factor:** The 0.5mm pitch allows for a very high number of I/O pins in a limited PCB area.
* **EMI Shielding:** Many versions of this series include metal shells to provide grounding and reduce electromagnetic interference.
* **Mechanical Locking:** Features a secure "click" feel or friction lock to prevent accidental disconnection.
- ⤷
What are the specific soldering temperature profiles recommended for the M2REB series?
- ⤷ Can this connector be used for PCIe Gen 4 or Gen 5 applications?
- ⤷ What is the mating height of this specific receptacle when paired with a standard plug?