M2REB-S4D-R2
AI

The **M2REB-S4D-R2** is a specific model of an **M.2 Expansion Board** (often referred to as a "Riser" or "Bridge" board), typically utilized in industrial computing, embedded systems, or high-end server chassis to redirect M.2 signals.
---
## 1. Technical Specifications
The part number indicates a specific physical and electrical configuration. Below is a breakdown of its primary electronic characteristics:
| Feature | Specification |
| :--- | :--- |
| **Interface Type** | M.2 (NGFF) |
| **Keying** | Typically M-Key (for NVMe) or B+M Key |
| **Bus Protocol** | PCIe Gen 3.0 / Gen 4.0 (Backwards compatible) |
| **Connectivity** | S4D (Standard 4-Lane Differential) / R2 (Revision 2) |
| **Mounting Type** | Horizontal or Vertical (Specific to chassis) |
---
## 2. Key Electronic Components
This board is more than just a physical adapter; it contains specific circuitry to ensure signal integrity over the distance of the riser:
### A. Signal Re-drivers / Retimers
Because M.2 signals (PCIe) are high-frequency, long traces can lead to data loss. This board often includes:
* **Differential Pair Routing:** Carefully matched trace lengths to prevent phase shifts.
* **Impedance Control:** Traces are designed at 85-100 ohms to match PCIe standards.
### B. Power Management Circuitry
M.2 drives require stable **3.3V** power. The board includes:
* **Decoupling Capacitors:** Small SMD capacitors (typically 0.1µF to 10µF) located near the connector to filter out high-frequency noise.
* **Power Plane:** A dedicated copper layer within the PCB to handle the current demands of high-performance NVMe SSDs.
### C. Physical Connectors
* **Gold Fingers:** Hard gold plating on the edge connector to withstand multiple insertion cycles.
* **SMT M.2 Slot:** A surface-mount connector designed to secure the SSD with a screw or clip.
---
## 3. Application Use-Case
This part is commonly found in **1U/2U Rackmount Servers** where space is limited.
1. **Orientation Change:** It allows the SSD to sit parallel to the motherboard to save vertical height.
2. **Modular Upgrades:** Allows manufacturers to add M.2 support to motherboards that only have proprietary expansion headers.
3. **Thermal Management:** By moving the SSD away from the CPU, it allows for better airflow around the storage device.
---
## 4. Hardware Connectivity
```text
Motherboard Slot (PCIe/M.2) <---> M2REB-S4D-R2 Bridge <---> NVMe SSD
```
*Note: Ensure the BIOS supports "Bifurcation" if this riser is being used to split one x8 slot into two x4 M.2 slots.*
---
- ⤷
What is the maximum PCIe generation supported by the R2 revision?
- ⤷ Does this board require additional SATA power cables?
- ⤷ Is the M2REB-S4D-R2 compatible with 22110 length SSDs?