M2REB-S51-R2
AI

The **M2REB-S51-R2** is a specialized high-speed interface connector commonly used in industrial computing, automotive electronics, and server hardware. It belongs to a class of mezzanine connectors designed for high-density signal transmission.
---
### 1. Key Technical Specifications
The following table highlights the core electrical and mechanical characteristics of the M2REB series:
| Feature | Specification |
| :--- | :--- |
| **Pin Count** | 51 Pins |
| **Pitch** | 0.5mm (High Density) |
| **Orientation** | Right-Angle / Horizontal |
| **Contact Material** | Copper Alloy with Gold Plating |
| **Voltage Rating** | 50V AC/DC |
| **Current Rating** | 0.5A per pin |
| **Durability** | 50 - 100 Mating Cycles |
---
### 2. Physical Components & Design
The connector is composed of several critical electronic parts that ensure signal integrity:
1. **Housing:** Made of high-temperature Liquid Crystal Polymer (LCP) or UL94V-0 rated plastic. This allows the part to withstand reflow soldering temperatures.
2. **Contact Terminals:** Usually Phosphor Bronze or Copper Alloy. The "R2" suffix often denotes specific plating thickness or reel packaging styles.
3. **Shielding Shell:** Metal casing (often stainless steel or nickel-plated) to provide **EMI/RFI protection**, crucial for high-speed data.
4. **Solder Tabs:** Large metal pads on the sides of the connector to provide mechanical strain relief to the PCB, preventing the connector from being ripped off during cable insertion.
---
### 3. Application Areas
This part is typically used in environments where space is limited but high data throughput is required:
* **LVDS Interfaces:** Used in connecting LCD panels to mainboards.
* **Embedded Systems:** Found in COM Express modules or small form factor (SFF) industrial PCs.
* **Automotive Infotainment:** Connecting display units to the central processing unit.
* **SSD/Storage:** Sometimes utilized in proprietary high-speed flash storage interfaces.
---
### 4. Part Number Breakdown
While manufacturer codes vary slightly, the nomenclature generally follows this logic:
* **M2REB:** Series identifier (Mezzanine/Micro-Interface).
* **S51:** 51-position (number of pins).
* **R2:** Specific revision or packaging code (often indicating "Tape and Reel" for automated pick-and-place assembly).
- ⤷
What is the maximum data transfer rate supported by the M2REB series?
- ⤷ Are there specific soldering temperature profiles recommended for this LCP housing?
- ⤷ What are the compatible mating connectors for the S51-R2?