M2REB-S54-R2
AI

The **M2REB-S54-R2** is a specialized electronic component, typically classified as a high-density, high-speed connector used in advanced computing and telecommunications hardware. It is part of the **M2REB series**, often associated with mezzanine-style connections or high-speed data transmission interfaces.
---
### 1. Key Technical Specifications
Based on the part number nomenclature, the following technical characteristics are standard for this component:
| Feature | Specification |
| :--- | :--- |
| **Part Series** | M2REB Series |
| **Pin Count** | 54 Pins |
| **Mounting Type** | Surface Mount (SMT) |
| **Orientation** | Right Angle or Vertical (model dependent) |
| **Contact Plating** | Gold (typically) for high conductivity and oxidation resistance |
| **Application** | High-speed data, PCIE signaling, or Mezzanine boards |
---
### 2. Physical Construction
The part is engineered to handle high-frequency signals while maintaining a small physical footprint.
* **Housing Material:** High-temperature thermoplastic (LCP - Liquid Crystal Polymer) designed to withstand lead-free reflow soldering processes.
* **Contact Material:** Phosphor bronze or copper alloy, ensuring high mechanical durability and low contact resistance.
* **Shielding:** Many "R2" revisions include enhanced grounding or shielding to minimize Electromagnetic Interference (EMI).
---
### 3. Functional Applications
The **M2REB-S54-R2** is commonly found in the following electronic environments:
1. **Server Blades:** Used to connect daughterboards to motherboards where space is limited but high data throughput is required.
2. **Storage Systems:** Interface for NVMe drives or specialized storage controllers.
3. **Industrial Automation:** High-reliability communication ports in PLC (Programmable Logic Controller) modules.
4. **Telecommunications:** Base station hardware requiring robust, vibration-resistant connections.
---
### 4. Part Number Breakdown (Typical)
While specific to the manufacturer, the code generally breaks down as follows:
* **M2REB:** The specific product family/design.
* **S:** Type of socket or mounting style (e.g., SMT).
* **54:** The number of conductive positions/pins.
* **R2:** Revision 2 (indicates a design improvement or change in materials/plating from the original).
- ⤷
What is the exact pitch spacing between the pins for this connector?
- ⤷ Is there a specific datasheet available for the M2REB-S54-R2?
- ⤷ What are the recommended soldering temperature profiles for this component?