AI

The **M2REB-S5A-R** is a specific electronic component, typically categorized as a high-performance **Magnetic Encoder System** or a **Magnetic Read Head** used in industrial motion control.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
## 1. Component Overview
This part is designed to read magnetic scales (tapes) and convert magnetic transitions into electrical signals (usually Incremental A/B phases). It is commonly used in CNC machinery, robotics, and medical equipment where non-contact position sensing is required.
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Output Signal** | Digital (Incremental) / RS-422 (Differential) |
| **Resolution** | Typically 1µm, 5µm, or 10µm (Depending on configuration) |
| **Supply Voltage** | 5V DC ± 5% |
| **Max Sensing Speed** | Up to 10 m/s (varies by resolution) |
| **Connector Type** | Usually a D-Sub 9-pin or specialized circular connector |
| **IP Rating** | IP67 (Dust tight and waterproof) |
---
## 2. Pinout Configuration
For standard RS-422 differential output (common for the -R suffix), the electronic wiring usually follows this structure:
| Pin Number | Signal Name | Description |
| :--- | :--- | :--- |
| 1 | **A+** | Incremental Phase A (Non-inverted) |
| 2 | **A-** | Incremental Phase A (Inverted) |
| 3 | **B+** | Incremental Phase B (Non-inverted) |
| 4 | **B-** | Incremental Phase B (Inverted) |
| 5 | **Z+** | Reference / Index Pulse (Non-inverted) |
| 6 | **Z-** | Reference / Index Pulse (Inverted) |
| 7 | **VCC** | Power Supply (+5V) |
| 8 | **GND** | Ground (0V) |
| 9 | **Shield** | Case Ground / EMI Protection |
---
## 3. Key Electronic Features
### A. Differential Signal Output
The `-R` in the part number often signifies **Line Driver (RS-422)** output. This is electronically superior to Open Collector outputs because:
* It provides high noise immunity for long cable runs.
* The differential pairs (A/A-, B/B-) cancel out electromagnetic interference (EMI).
### B. Magnetic Hall-Effect Array
Internally, the sensor contains an array of Hall-effect elements. As the head moves over a magnetic tape with alternating North/South poles, the internal circuitry interpolates these sinusoids into high-resolution square waves.
### C. Protection Circuitry
* **Reverse Polarity Protection:** Prevents damage if the 5V and GND wires are swapped.
* **Short Circuit Protection:** Guards the output drivers against accidental grounding.
---
## 4. Integration Example
To interface this with a microcontroller (like an Arduino or PLC), you would typically use a high-speed counter input.
```cpp
// Example: Basic logic for reading A/B phases
const int phaseA = 2; // Connect to A+ (via 5V level shifter if needed)
const int phaseB = 3; // Connect to B+
volatile long position = 0;
void setup() {
pinMode(phaseA, INPUT);
pinMode(phaseB, INPUT);
attachInterrupt(digitalPinToInterrupt(phaseA), updateEncoder, RISING);
}
void updateEncoder() {
if (digitalRead(phaseB) == LOW) {
position++;
} else {
position--;
}
}
```
---
- ⤷What is the maximum cable length supported by the RS-422 output of this sensor?
- ⤷ What magnetic scale pole pitch is compatible with the M2REB-S5A-R?
- ⤷ Does this model support absolute positioning or only incremental?