M2REB-SA13-R/CE
AI

The **M2REB-SA13-R/CE** is a specialized industrial networking component, specifically a **M-System (now MG CO., LTD.)** R3 series remote I/O communication module. It is designed to bridge field signals to a supervisory control system.
---
### 1. General Specifications
This module acts as a communication gateway for decentralized I/O systems, typically used in factory automation and process control.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | MG CO., LTD. (formerly M-System) |
| **Series** | R3 Series (Remote I/O) |
| **Model Function** | MECHATROLINK-I / II Communication Module |
| **Interface** | MECHATROLINK-II |
| **Power Input** | 24V DC |
| **Mounting** | Base-mounted (R3 series base) |
---
### 2. Core Electronic Components & Architecture
The internal electronics of this module are categorized into three main functional blocks:
#### A. Communication Interface (MECHATROLINK)
* **Protocol Controller:** Utilizes a dedicated ASIC to manage the MECHATROLINK-I (10 Mbps) or MECHATROLINK-II (10 Mbps) high-speed fieldbus protocol.
* **Physical Layer (PHY):** High-speed differential transceivers that ensure signal integrity over shielded twisted pair cables.
* **Isolation:** Optocouplers or digital isolators are used to separate the communication network from the internal logic to prevent ground loops.
#### B. Logic & Processing
* **Microprocessor (MCU):** An onboard CPU manages data packet assembly/disassembly, mapping I/O data from peripheral modules (analog/digital) into the MECHATROLINK registers.
* **Memory:** Flash memory for firmware storage and SRAM for real-time data buffering.
#### C. Power Management
* **DC-DC Converter:** Since the module runs on 24V DC, internal switching regulators step this down to 3.3V or 5V for the logic circuits.
* **Protection Circuits:** Includes surge absorbers and polarity protection diodes to withstand industrial electrical noise.
---
### 3. Connection & Wiring
The module features specific physical interfaces for industrial integration:
1. **Station Address Switches:** Rotary switches located on the front panel to set the unique node ID on the MECHATROLINK network.
2. **Status LEDs:**
* **PWR:** Power status.
* **RUN:** Normal operation indicator.
* **ERR:** Communication or hardware error.
* **SD/RD:** Send/Receive data activity.
3. **Communication Port:** Standard MECHATROLINK connector for daisy-chaining nodes.
---
### 4. Technical Summary
The **M2REB-SA13-R/CE** is essentially the "brain" of a remote I/O rack. It does not handle field signals directly; instead, it collects data from adjacent modules (like thermocouple inputs or relay outputs) on the same backplane and transmits them to a PLC or Motion Controller via the MECHATROLINK protocol.
- ⤷
What are the compatible base units for the R3 series modules?
- ⤷ How do you configure the station address on this specific module?
- ⤷ What is the difference between MECHATROLINK-I and II modes in this hardware?