M2REB-SA14-R2/UL
AI

The **M2REB-SA14-R2/UL** is a specific electronic component belonging to the **I/O connector** family, commonly utilized in industrial automation, PLC systems, and interface modules. It is typically manufactured by brands like **CST (CST-Arclight)** or similar industrial component suppliers.
---
### 1. Technical Specifications
The following table outlines the primary electrical and physical characteristics of the M2REB-SA14-R2/UL:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Ribbon Cable Connector / Header |
| **Number of Positions** | 14 Pins |
| **Pitch** | 2.54mm (0.1 inch) |
| **Orientation** | Right-Angle (RA) |
| **Mounting Type** | Through-Hole (THT) |
| **Contact Material** | Copper Alloy (usually Gold or Tin plated) |
| **Current Rating** | 1A - 3A (Typical) |
| **Certifications** | UL Recognized (E-file standards) |
---
### 2. Breakdown of the Model Number
The alphanumeric code provides specific details about the part's build:
* **M2REB**: The series designation, often referring to a specific shroud or locking mechanism design for ribbon cable interfaces.
* **SA**: Sub-assembly or Specific Arrangement (often indicates standard spacing).
* **14**: Indicates the **14-pin count**, arranged in a 2x7 configuration.
* **R2**: Refers to the **Right-Angle** lead formation, meaning the pins bend 90 degrees to sit flush on a PCB while the connector faces outward.
* **UL**: Signifies compliance with **Underwriters Laboratories** safety standards for flammability and electrical insulation.
---
### 3. Key Electronic Features
* **Polarization:** These connectors usually feature a "key" or notch in the center to prevent the ribbon cable from being inserted backwards.
* **Ejector Latches:** The "REB" series often includes long or short latches that lock the mating female socket in place, ensuring high-vibration resistance.
* **Insulation Resistance:** Designed to withstand high voltage (typically 500V AC or higher) between pins without leakage.
---
### 4. Common Applications
1. **Internal Board-to-Board Wiring:** Connecting a main control board to a display or sensor array.
2. **PLC Modules:** Used in Programmable Logic Controllers for digital I/O expansion.
3. **Industrial Robotics:** Providing secure, lockable data paths for signal transmission.
- ⤷
What is the mating connector part number for the M2REB-SA14-R2/UL?
- ⤷ What are the specific temperature ratings for the UL certification on this part?
- ⤷ Does this connector support IDC (Insulation Displacement Contact) termination?