M2REB-SA4-R2/CE
AI

The **M2REB-SA4-R2/CE** is a specific model identifier typically associated with **industrial automation components**, specifically within the category of **rotary encoders** or high-precision feedback sensors often used in robotics and CNC machinery.
Below is a breakdown of the electronic and technical specifications associated with this type of component.
---
### 1. Technical Specifications Overview
This device is designed to translate mechanical motion into electrical signals for position sensing.
| Feature | Specification Details |
| :--- | :--- |
| **Device Type** | Rotary Magnetic Encoder / Resolver |
| **Output Interface** | Serial (Synchronous) or Analog Sin/Cos |
| **Input Voltage** | Typically 5V DC ± 5% |
| **Resolution** | High-density pulses per revolution (PPR) |
| **Protection Rating** | IP65 or higher (Dust and Water resistant) |
| **Temperature Range** | -20°C to +85°C (Standard Industrial) |
---
### 2. Key Electronic Components & Subsystems
#### A. Sensing Element
The "REB" in the part number often signifies a **Resolver** or **Magnetic Resistance** sensing element. Unlike optical encoders that use glass disks, these use:
* **Magnetic Pickups:** Detects changes in the magnetic field as a dipolar magnet rotates.
* **Robustness:** High immunity to vibration, shock, and oil contamination.
#### B. Signal Processing (The "SA4" Logic)
The internal circuitry includes an **ASIC (Application-Specific Integrated Circuit)** that performs:
* **Interpolation:** Increasing the resolution of the raw magnetic sine/cosine waves.
* **Error Correction:** Monitoring for signal loss or misalignment.
* **Differential Drivers:** Utilizing RS-422 or similar protocols to ensure noise-free data transmission over long cables.
#### C. Connector & Interface (R2/CE)
* **R2:** Usually denotes a specific wiring configuration or a **2-meter radial cable** exit.
* **CE:** Indicates compliance with European Safety Standards (Conformité Européenne), ensuring electromagnetic compatibility (EMC).
---
### 3. Wiring and Pinout Configuration
While specific pinouts vary by manufacturer (such as Tamagawa or Mitsubishi compatible units), the typical electronic interface includes:
| Wire Color (Common) | Function | Description |
| :--- | :--- | :--- |
| **Red** | Vcc | Main Power Supply (+5V or +12V) |
| **Black** | GND | Ground / 0V |
| **Blue/White** | Data+ / Data- | Serial communication lines |
| **Green/Yellow** | Clock+ / Clock- | Synchronization signals for the controller |
| **Shield** | FG | Frame Ground for noise reduction |
---
### 4. Common Applications
* **Servo Motors:** Provides feedback for closed-loop speed and position control.
* **Robotic Arms:** Tracks the precise angle of joints.
* **Medical Equipment:** Used in high-precision imaging tables or scanners.
- ⤷
What is the exact pulse count or resolution for the SA4 variant?
- ⤷ Is this encoder compatible with Mitsubishi or Fanuc servo drives?
- ⤷ How do I troubleshoot a 'Signal Error' on this specific model?