AI

The part number **M2REB-SAD-R/Q** typically refers to a specialized automotive or industrial-grade memory component, often associated with **LPDDR4/4X (Low Power Double Data Rate)** SDRAM manufactured by **Micron Technology**.
Below is a breakdown of the electronic specifications and characteristics based on the standard naming conventions for this series.
---
## 1. Technical Specifications
This component is designed for high-speed data transfer with low power consumption, commonly found in Infotainment systems, ADAS, and advanced industrial controllers.
| Parameter | Specification |
| :--- | :--- |
| **Memory Type** | LPDDR4 / LPDDR4X SDRAM |
| **Density** | Typically 16Gb (2GB) or 32Gb (4GB) per die |
| **Clock Frequency** | Up to 2133 MHz (Data rate up to 4266 MT/s) |
| **Voltage (VDD1/VDD2/VDDQ)** | 1.8V / 1.1V / 0.6V (LPDDR4X standard) |
| **Operating Temperature** | -40°C to +95°C / +105°C (Automotive Grade) |
| **Package Type** | VFBGA (Very Fine Pitch Ball Grid Array) |
---
## 2. Part Number Breakdown
While manufacturer codes can be proprietary, the suffixes provide critical information about the part's lifecycle and testing:
### **A. Core Component (M2REB-SAD)**
* **Family:** Low Power DRAM.
* **Configuration:** Indicates the bit width (e.g., x32 or x64) and the logical bank structure.
* **SAD Specifics:** Usually denotes the Die Revision and the specific speed binning (e.g., 4266Mbps).
### **B. The Suffixes (-R/Q)**
* **-R (RoHS):** Indicates the part is compliant with RoHS standards (Lead-Free).
* **-Q (Automotive/Quality):** This is a crucial marker. It signifies that the part is **Automotive Grade**, having undergone AEC-Q100 qualification. It represents higher reliability, better thermal resistance, and more rigorous testing compared to commercial/consumer grades.
---
## 3. Key Electronic Features
* **Low Power Design:** Uses a LVSTL (Low Voltage Swing Terminated Logic) interface to reduce power consumption during high-speed switching.
* **On-Die Termination (ODT):** Improves signal integrity by reducing reflections on the high-speed data bus.
* **Temperature Compensated Self Refresh (TCSR):** Adjusts the refresh rate based on the chip's temperature to save power at lower temperatures.
* **Advanced Reliability:** Designed to withstand the vibration and thermal cycling common in engine control units or cockpit displays.
---
## 4. Typical Applications
1. **Automotive:** ADAS (Advanced Driver Assistance Systems) cameras, digital instrument clusters, and Head-Up Displays (HUD).
2. **Industrial:** High-end robotics and IoT gateways requiring stable performance in harsh environments.
3. **Networking:** Compact routers and signal processing units.
---
- ⤷
How does LPDDR4X voltage levels differ from standard LPDDR4?
- ⤷ What are the specific AEC-Q100 test requirements for the -Q suffix?
- ⤷ What is the ball pitch and count for the VFBGA package used in this part?