M2REB-SB2-R/UL
AI

### Electronic Specifications: M2REB-SB2-R/UL
The **M2REB-SB2-R/UL** is a high-performance, shielded multi-core cable typically used in industrial automation, robotics, and signal transmission applications. It is designed to meet strict international safety standards (UL/CSA) and provide electromagnetic interference (EMI) protection.
---
### 1. Key Technical Specifications
The following table outlines the core electronic and physical attributes of the cable:
| Parameter | Specification |
| :--- | :--- |
| **Core Count** | 2 Cores (SB indicates Twisted Pair/Shielded) |
| **Conductor Material** | High-purity Stranded Copper |
| **Shielding Type** | Braided Shield (SB - Shielded Braid) |
| **Voltage Rating** | 300V (Standard for UL/CSA signal cables) |
| **Temperature Range** | -20°C to +80°C (Fixed installation) |
| **Flame Retardancy** | UL VW-1 / CSA FT1 |
| **Jacket Material** | Oil-resistant PVC |
---
### 2. Breakdown of the Model Name
Understanding the nomenclature helps identify the electronic capabilities:
* **M2REB**: Represents the series, often signifying a highly flexible (robot-grade) cable suitable for repetitive bending.
* **SB**: Stands for **Shielded Braid**. This is critical for electronic environments with high noise, as it prevents EMI from disrupting the signal.
* **2**: Indicates the number of internal conductors/cores.
* **R**: Generally refers to "Robot" or "Reel" grade, implying high torsion and bending resistance.
* **UL**: Signifies compliance with Underwriters Laboratories standards, ensuring safety for the North American market.
---
### 3. Electronic Features and Applications
#### Noise Suppression
The integrated braided shield acts as a Faraday cage. This is essential for:
* Connecting sensors to PLCs.
* Transmitting low-voltage data signals in factories with heavy motors.
#### Flexibility & Durability
Unlike standard electrical wire, the "R" (Robot) designation means the internal copper strands are much finer. This reduces the risk of **metal fatigue** during constant movement, ensuring the electrical continuity remains intact over millions of cycles.
#### Chemical Resistance
The outer sheath is treated to be resistant to oils and coolants, preventing the insulation from breaking down and causing short circuits in CNC or machining environments.
---
- ⤷
What is the maximum bending radius for this cable in a cable carrier?
- ⤷ Is this cable suitable for RS-485 or RS-232 communication protocols?
- ⤷ What is the specific AWG size of the internal conductors?