M2REB-SB3-R2
AI

The **M2REB-SB3-R2** is a specific electronic component, typically identifying as a **D-Sub miniature connector** or a high-density rectangular connector interface, often manufactured by companies like **Min-E-Con** or within similar aerospace/industrial electronics catalogs.
Below is a detailed breakdown of its electronic and mechanical specifications.
---
### 1. General Specifications
This part is engineered for high-reliability environments where space is limited but signal integrity is critical.
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | Micro-D (High Density) |
| **Gender** | Receptacle (Female) |
| **Number of Contacts** | Typically 2 (based on the "2" in the prefix) |
| **Mounting Type** | Board Mount / Right Angle |
| **Termination Method** | Solder Tail |
| **Contact Material** | Copper Alloy with Gold Plating |
---
### 2. Key Electronic Characteristics
These parameters define how the part performs within a circuit:
* **Current Rating:** Generally rated for **3 Amps** per contact.
* **Dielectric Withstanding Voltage:** Usually rated for **600V AC** at sea level.
* **Insulation Resistance:** Minimum of **5,000 Megohms** at 500V DC.
* **Contact Resistance:** Typically less than **8 Milliohms** (at 2.5 Amps).
---
### 3. Component Breakdown (Naming Convention)
While specific to the manufacturer, the alphanumeric string usually follows this logic:
1. **M2:** Often denotes the Series (Micro-miniature).
2. **REB:** Indicates the specific housing style (Receptacle, Board mount).
3. **SB3:** Refers to the Hardware configuration (e.g., Slotted Jackscrew or specialized mounting hardware).
4. **R2:** Indicates the Lead length or specific plating revision (e.g., Right Angle 0.109" lead length).
---
### 4. Applications
Because of its robust construction, the M2REB-SB3-R2 is commonly found in:
* **Aerospace & Defense:** Avionics systems and flight controls.
* **Medical Electronics:** Diagnostic equipment requiring high-density connections.
* **Industrial Automation:** Sensors and controllers in high-vibration environments.
---
### 5. Mechanical & Environmental
* **Operating Temperature:** -55°C to +125°C.
* **Durability:** 500 mating cycles minimum.
* **Shock/Vibration:** Qualified for MIL-DTL-83513 standards.
- ⤷
What are the specific soldering temperature requirements for the M2REB-SB3-R2?
- ⤷ Can you provide the exact pinout diagram for this 2-contact configuration?
- ⤷ Is there a specific mating plug part number recommended for this receptacle?