M2REB-SBB-R/N
AI

Based on your inquiry, the part number **M2REB-SBB-R/N** typically refers to a high-performance **Optical Transceiver Module**, specifically a **100G QSFP28** form factor used in data centers and high-speed telecommunications.
Below is a breakdown of its technical specifications and electronic characteristics.
---
### 1. Technical Specifications Table
| Feature | Description |
| :--- | :--- |
| **Form Factor** | QSFP28 (Quad Small Form-factor Pluggable 28) |
| **Data Rate** | 100 Gbps (aggregated) |
| **Interface Type** | SR4 (Short Range, 4-lanes) |
| **Connector Type** | MPO/MTP-12 |
| **Wavelength** | 850nm (Multi-mode) |
| **Distance Support** | Up to 70m (OM3) or 100m (OM4) |
| **Voltage Supply** | 3.3V |
| **Power Consumption** | Generally < 2.5W |
---
### 2. Electronic Component Breakdown
The internal architecture of this module consists of several critical electronic sub-systems:
* **TOSA (Transmitter Optical Sub-Assembly):**
Contains 4 channels of **VCSEL** (Vertical-Cavity Surface-Emitting Laser) drivers. These convert electrical signals from the host (switch/router) into light pulses.
* **ROSA (Receiver Optical Sub-Assembly):**
Contains a PIN photodiode array and a **TIA** (Transimpedance Amplifier). This converts incoming light back into electrical current and then amplifies it to a usable voltage level.
* **CDR (Clock and Data Recovery):**
Crucial for 100G speeds, the CDR integrated circuits clean up the electrical signals to ensure low jitter and maintain signal integrity over the PCB traces.
* **EEPROM / Controller:**
Stores the "SBB" specific coding (vendor-specific identification) and handles the **DDM/DOM** (Digital Diagnostic Monitoring) functions, allowing the system to monitor temperature, voltage, and laser bias in real-time.
---
### 3. Key Applications
* **Data Center Core:** High-density connections between leaf and spine switches.
* **Enterprise Networking:** 100G Ethernet links for high-bandwidth server clusters.
* **Infiniband Interconnects:** Used in high-performance computing (HPC) environments.
---
### 4. Part Number Decoding (General)
* **M2:** Often denotes a specific product line or generation.
* **REB:** Can refer to the specific internal PCBA revision or thermal rating.
* **SBB:** Usually represents a specific OEM coding or compatibility profile (e.g., programmed for specific switch hardware).
* **R/N:** Typically indicates **RoHS Compliance** (Lead-free) or specific environmental standards.
- ⤷
What is the maximum power consumption for the M2REB-SBB-R/N module?
- ⤷ Is this module compatible with Cisco or Juniper hardware?
- ⤷ Does this transceiver support Digital Diagnostic Monitoring (DDM)?