Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2REB-SBC-R2SLASHCE

  • AI
    The **M2REB-SBC-R2/CE** is a specialized Single Board Computer (SBC) typically associated with industrial automation, specifically within the ecosystem of **Mitsubishi Electric** or its partners (often related to robot controllers or MELFA series interfaces). Below is a breakdown of the electronic components and architecture typically found on this type of board. --- ### 1. Core Architecture The board serves as a bridge between high-level processing and low-level industrial communication. | Component Category | Description | | :--- | :--- | | **Main Processor** | Usually an embedded RISC or ARM-based SoC designed for real-time task handling. | | **Memory (RAM)** | SDRAM or DDR3 chips used for temporary data storage during robot trajectory calculations. | | **Storage (Flash)** | EEPROM or NOR Flash containing the board's firmware and hardware configuration parameters. | | **FPGA/CPLD** | Often includes a programmable logic device (e.g., Lattice or Altera) to handle high-speed I/O synchronization. | --- ### 2. Connectivity and Interfaces The "SBC" designation implies it has standard computer interfaces adapted for rugged environments. * **Ethernet Port:** Used for TCP/IP communication with PLCs or factory networks. * **Serial Ports (RS-232/422):** Dedicated ports for legacy industrial equipment or sensor integration. * **Expansion Bus:** A multi-pin header (often PC/104 or proprietary) to stack additional I/O modules. * **USB Ports:** Usually restricted for firmware updates or maintenance tools. --- ### 3. Power Regulation Circuitry Industrial boards require stable power despite "noisy" electrical environments. * **DC-DC Converters:** Steps down standard 24V DC industrial power to 5V, 3.3V, or 1.2V for the internal logic. * **Opto-Isolators:** Electronic components that use light to transfer signals, protecting the core CPU from high-voltage spikes on the I/O lines. * **Capacitors:** High-grade electrolytic and ceramic capacitors for ripple filtering. --- ### 4. Hardware Revision Significance (R2/CE) The suffixes in the part number indicate specific electronic standards: 1. **R2 (Revision 2):** Indicates a hardware update that likely improved heat dissipation or replaced obsolete components from the R1 version. 2. **CE (Conformité Européenne):** This signifies that the electronic parts meet European safety, health, and environmental protection requirements (EMI/EMC shielding). --- ### Typical Usage Scenario ```python # Conceptual representation of the SBC's function in a system class M2REB_SBC: def __init__(self): self.firmware = "Industrial_v2.0" self.io_status = "Isolated" def process_data(self, robot_position): # The board acts as a gateway between the controller and the network return f"Routing {robot_position} to Master PLC via Ethernet" ```
    ✨ Follow-up Questions
    • ⤷ What is the specific input voltage requirement for the M2REB-SBC-R2?
    • ⤷ How does the CE certification affect the board's electromagnetic shielding?
    • ⤷ Which Mitsubishi robot series is this board primarily compatible with?