Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2REB-SD1-R2/UL

  • AI
    The **M2REB-SD1-R2/UL** is a specific industrial-grade control component, typically identified as an **Electronic Timer Relay** (or Time Delay Relay) manufactured by companies like **IDEC** or similar industrial automation suppliers. Below is the breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications This device is designed for DIN-rail mounting and is used to control the timing of electrical circuits in automation panels. | Feature | Specification | |:---|:---| | **Device Type** | Electronic Timer Relay | | **Mounting Type** | DIN Rail / Surface Mount | | **Contact Configuration** | SPDT (1 Changeover Contact) | | **Output Rating** | Typically 5A @ 250V AC (Resistive) | | **Compliance** | UL Listed, CE, RoHS | --- ### 2. Electronic Operating Principles The device functions by using internal solid-state circuitry to count time and then mechanically switching a set of relay contacts. * **Input Voltage:** Usually supports a wide range (Multi-voltage), such as 24V-240V AC/DC. * **Timing Logic:** It utilizes a **"Signal OFF-Delay"** or **"Power ON-Delay"** logic depending on the specific sub-wiring. * **Time Ranges:** It features adjustable rotary dials on the front face to set time scales (seconds, minutes, or hours). --- ### 3. Terminal Configuration The wiring interface typically follows standard industrial numbering: | Terminal ID | Description | |:---:|:---| | **A1 / A2** | Power Supply Inputs | | **15** | Common Terminal (C) | | **16** | Normally Closed (NC) | | **18** | Normally Open (NO) | | **B1 / S** | Control Signal Input (for triggered modes) | --- ### 4. Key Electronic Components Inside 1. **Microcontroller/Timing IC:** Manages the precision of the delay intervals. 2. **Electromechanical Relay:** The physical switch that handles the load current. 3. **Surge Suppressor:** Internal Varistors (MOVs) to protect the electronics from voltage spikes on the line. 4. **LED Indicators:** * **Power LED:** Indicates the unit is energized. * **Out/Relay LED:** Indicates the state of the output contact. --- ### 5. Application Use Cases * **Motor Control:** Delaying the start of a secondary motor to prevent power surges. * **HVAC Systems:** Controlling fan run-on times after a heater turns off. * **Safety Interlocks:** Ensuring a machine stays locked for a specific duration after a stop command is issued.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the output contacts?
    • ⤷ Does this model support multi-function timing modes or is it single-function?
    • ⤷ What is the specific input voltage range for the R2/UL variant?