M2RR-10-R2/Q
AI

The **M2RR-10-R2/Q** is a specific model of an **Encapsulated Reed Relay**, typically manufactured by companies like **Meder Electronic (Standex Electronics)**. These components are designed for high-reliability switching in signal processing and telecommunications.
---
### 1. Component Overview
A Reed Relay combines a **Reed Switch** and an **Electromagnetic Coil** into a single package. When current flows through the coil, it creates a magnetic field that closes the reed switch contacts.
### 2. Technical Specifications
While specific datasheets should be consulted for exact tolerances, the "M2RR" series generally follows these parameters:
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Contact Form** | 1 Form A (Normally Open) |
| **Coil Voltage** | Usually 5V, 12V, or 24V DC (Model dependent) |
| **Switching Voltage** | Max 200V - 500V DC |
| **Switching Current** | Max 0.5A |
| **Contact Resistance** | < 150 mΩ |
| **Package Style** | Dual-In-Line (DIL) or SIL Encapsulation |
| **Insulation Resistance** | > 10¹⁰ Ω |
---
### 3. Key Electronic Parts & Construction
1. **The Reed Switch:** Consists of two ferromagnetic blades (reeds) hermetically sealed in a glass envelope. The contacts are often plated with Rhodium or Ruthenium to ensure long life and low resistance.
2. **The Copper Coil:** Wrapped around the glass envelope. When energized, it acts as a solenoid to actuate the reeds.
3. **The Internal Diode (Optional/Suffix dependent):** Many "Q" or "R" variants include an internal **Flyback Diode** connected in parallel with the coil to protect the driving circuit from voltage spikes when the coil is de-energized.
4. **Magnetic Shielding:** Some models include an internal metal shield to prevent magnetic interference with adjacent relays on a PCB.
5. **Epoxy Encapsulation:** The entire assembly is molded in a hard epoxy resin to protect against moisture, dust, and mechanical vibration.
---
### 4. Common Applications
* **Test and Measurement:** Used in ATE (Automatic Test Equipment) for high-speed signal routing.
* **Telecommunications:** Line switching and isolation.
* **Security Systems:** Low-power sensor switching.
* **Medical Equipment:** Due to high isolation properties between the coil (control) and the switch (load).
---
### 5. Part Number Breakdown (Typical)
* **M2RR:** Series identifier (Miniature Reed Relay).
* **10:** Often refers to the contact power rating (e.g., 10 Watts) or physical size.
* **R2:** Contact configuration or specific pinout arrangement.
* **Q:** Often denotes "Qualification" standards or the inclusion of specific features like a suppression diode or magnetic shield.
- ⤷What is the coil voltage rating for the M2RR-10-R2/Q variant?
- ⤷ Does this relay include an internal flyback diode for circuit protection?
- ⤷ What are the pinout dimensions for standard M2RR series relays?