M2RS-0B-R/UL
AI

The **M2RS-0B-R/UL** is a high-performance, compact **Rotary Coded Switch** manufactured by **Copal Electronics** (now Nidec Components). It is specifically designed for binary-coded settings in space-constrained industrial and consumer electronics.
---
### 1. Key Technical Specifications
The following table outlines the core electronic and mechanical parameters of the M2RS series:
| Parameter | Specification |
| :--- | :--- |
| **Code Type** | Real Code (Binary Coded Decimal/Hexadecimal) |
| **Number of Positions** | 10 Positions (0-9) |
| **Actuator Style** | Shaft (Knob) type |
| **Mounting Type** | Through-hole (PC Pin) |
| **Contact Rating (Switching)** | 100mA at 5V DC |
| **Contact Rating (Non-Switching)** | 100mA at 50V DC |
| **Contact Resistance** | 100 mΩ maximum |
| **Operating Temperature** | -25°C to +70°C |
| **UL Rating** | UL94V-0 (Self-extinguishing plastic) |
---
### 2. Functional Description
The M2RS-0B-R/UL acts as a digital input device. By rotating the shaft, the internal contacts bridge specific output pins to a common pin (COM), creating a **binary code** output.
* **Binary Coded Decimal (BCD):** Since this is a 10-position model, it provides outputs representing numbers 0 through 9 in 4-bit binary.
* **Sealing:** These switches are usually "washable," meaning they are sealed with an O-ring to prevent flux or cleaning fluids from entering the contacts during the soldering process.
* **R/UL Suffix:** Indicates the part meets specific Underwriters Laboratories (UL) safety standards and is compliant with RoHS environmental regulations.
---
### 3. Pin Configuration (Typical)
While you should always consult the official datasheet for the specific PCB footprint, the 4-bit BCD output generally follows this logic:
| Position | Pin 1 (2^0) | Pin 2 (2^1) | Pin 4 (2^2) | Pin 8 (2^3) |
| :--- | :--- | :--- | :--- | :--- |
| **0** | Open | Open | Open | Open |
| **1** | Closed | Open | Open | Open |
| **5** | Closed | Open | Closed | Open |
| **9** | Closed | Open | Open | Closed |
---
### 4. Common Applications
* **Address Setting:** Used on networked devices (like RS-485 or CAN bus nodes) to manually set a unique ID.
* **Mode Selection:** Selecting operational modes on industrial control panels.
* **Configuration:** Adjusting internal parameters on a PCB without needing a digital interface or display.
- ⤷
What is the difference between Real Code and Complementary Code in these switches?
- ⤷ Can this switch be used in automated SMD assembly lines?
- ⤷ What are the recommended pull-up resistor values for the output pins?