M2RS-0E-R
AI

## Understanding the M2RS-0E-R Relay
The **M2RS-0E-R** is an electronic plug-in power relay, typically associated with the **M2RS series**. These components are widely used in industrial automation for signal switching, isolation, and control logic.
### 1. Key Specifications
Based on the standard nomenclature for this series, here are the primary electronic characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Contact Type** | DPDT (2 Form C) |
| **Coil Voltage** | 24V AC/DC (Standard for -0E suffix) |
| **Contact Rating** | 5A to 10A @ 250VAC / 30VDC |
| **Mounting Style** | Plug-in (8-pin circular or blade base) |
| **Feature** | LED Indicator / Mechanical flag |
---
### 2. Internal Electronic Components
The device is composed of several critical parts that work together to facilitate switching:
#### A. The Electromagnetic Coil
* **Function:** Converts electrical energy into a magnetic field.
* **Operation:** When current flows through the copper windings, it creates a magnetic pull that moves the internal armature.
#### B. Contact Assembly
* **Stationary Contacts:** Fixed points connected to the output terminals.
* **Movable Armature:** The "swinging" part that physically opens or closes the circuit.
* **Material:** Often made of silver-nickel (AgNi) or silver-tin-oxide (AgSnO2) to prevent oxidation and welding under high loads.
#### C. Built-in LED & Protection
* **Indicator LED:** A small light-emitting diode wired in parallel with the coil to show when the relay is energized.
* **Flyback Diode (DC versions):** Often included to suppress voltage spikes when the coil is de-energized, protecting sensitive driving electronics.
---
### 3. Application Use Cases
The M2RS-0E-R is commonly found in the following electronic environments:
1. **PLC Outputs:** Acting as an interposing relay to switch high-current loads from low-current PLC signals.
2. **Safety Interlocks:** Providing galvanic isolation between high-voltage power circuits and low-voltage control circuits.
3. **Signal Multiplexing:** Using the DPDT configuration to switch two separate signals simultaneously.
---
### 4. Wiring Reference (Typical 8-Pin)
| Pin Number | Function |
| :--- | :--- |
| **2 & 7** | Coil Input |
| **1 & 8** | Common (COM) |
| **3 & 6** | Normally Open (NO) |
| **4 & 5** | Normally Closed (NC) |
- ⤷
What is the maximum switching frequency for the M2RS-0E-R?
- ⤷ How does a DPDT configuration differ from a SPDT in this relay?
- ⤷ Is there a specific socket base recommended for the M2RS series?