M2RS-3B-R/BL
AI

The **M2RS-3B-R/BL** is a high-performance, industrial-grade illuminated push-button switch, typically manufactured by companies like **IDEC**. It is part of the M2 series, known for its miniature footprint and reliable switching mechanics.
---
### 1. Technical Specifications
The part number can be broken down into specific electronic and mechanical components:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Series** | M2 | Miniature series (8mm mounting hole typical) |
| **Contact Form** | SPDT / DPDT | Single/Double Pole Double Throw (model dependent) |
| **Action Type** | Maintained/Momentary | Likely "Maintained" (stays pushed) or "Momentary" |
| **Illumination** | LED | Red/Blue (R/BL) color configuration |
| **Terminal Type** | Solder/Tab | Designed for PCB or direct wire soldering |
| **Voltage Rating** | 24V DC / 125V AC | Standard rating for control circuits |
---
### 2. Key Electronic Components
#### A. The Switching Mechanism
Inside the housing is a micro-switch contact block.
* **Gold-clad contacts:** These parts often use gold plating to prevent oxidation, ensuring a low-resistance electrical path even at low voltages (logic levels).
* **Snap-action:** Provides a tactile "click" feedback and ensures rapid separation of contacts to prevent electrical arcing.
#### B. The Illumination Circuit (R/BL)
The "R/BL" designation refers to the visual indicators:
* **LED Die:** High-efficiency Light Emitting Diodes are embedded behind the lens.
* **Current Limiting:** Usually requires an external resistor if not built-in, though many industrial modules are rated for specific voltages (e.g., 24V) with internal regulation.
* **Dual Color/Split Lens:** The "R/BL" often signifies a **Red/Blue** color split or a Red LED with a Blue lens/filter, used to distinguish between "Fault" (Red) and "Ready" (Blue) states.
#### C. Housing & Protection
* **Dielectric Material:** The body is made of high-insulation thermoplastic to prevent leakage current between terminals.
* **IP Rating:** Typically rated **IP40** or **IP65** (depending on the specific seal) for protection against dust and moisture.
---
### 3. Pinout Configuration (Standard M2 Style)
Most units in this series follow a 5-terminal or 8-terminal layout:
1. **C (Common):** The main input for the switch.
2. **NO (Normally Open):** Connection made only when pressed.
3. **NC (Normally Closed):** Connection broken when pressed.
4. **(+) LED Terminal:** Positive supply for the lamp.
5. **(-) LED Terminal:** Negative/Ground for the lamp.
---
- ⤷
What is the exact mounting hole diameter for the M2RS series?
- ⤷ Can this switch be used with 240V AC power systems?
- ⤷ Does the R/BL model support independent control of the Red and Blue LEDs?