M2RS-3B-R2/Q
AI

The **M2RS-3B-R2/Q** is a specialized electronic component, typically classified as a **safety interlock switch** or a **position sensor assembly**, often used in industrial automation and security systems.
Below is a breakdown of its electronic characteristics and technical specifications.
---
### 1. Key Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Component Type** | Magnetic Reed Switch / Non-contact Interlock |
| **Contact Configuration** | 2NC (Normally Closed) + 1NO (Normally Open) or specific 3-wire config |
| **Switching Voltage** | Typically up to 24V DC / 120V AC (model dependent) |
| **Housing Material** | Heavy-duty Plastic or Die-cast Metal (R2 variant) |
| **Connection Type** | M12 Connector or Pre-wired Cable (Q suffix often denotes Quick-connect) |
| **Operating Distance** | 5mm to 15mm (Typical Make/Break gap) |
---
### 2. Electronic Components & Logic
The device operates on the principle of **magnetic induction**. Inside the "Switch" unit, there are several key electronic parts:
* **Reed Switches:** Hermetically sealed glass tubes containing metal reeds that move when a magnetic field is applied.
* **Tamper-Resistant Circuitry:** The "R2" designation often implies a redundant circuit path. If one reed switch fails, the safety system detects the discrepancy to prevent hazardous operation.
* **Suppression Diodes/Resistors:** Internal components that protect the contacts from inductive voltage spikes (back-EMF) when switching industrial relays or PLC inputs.
* **LED Indicators:** Many "Q" (Quick-connect) versions include a small surface-mount LED to indicate the status (Closed/Open) for local troubleshooting.
---
### 3. Wiring Configuration
The **"Q"** designation usually refers to a **Quick-disconnect M12 connector**. Here is the standard electronic pinout logic for these types of safety switches:
1. **Safety Channel 1 (NC):** Opens when the actuator is removed.
2. **Safety Channel 2 (NC):** Redundant path for safety controllers.
3. **Auxiliary Channel (NO):** Used for signaling a PLC or an alarm lamp that the door is open.
---
### 4. Applications
* **Machine Guarding:** Ensuring a machine stops if a safety door is opened.
* **Harsh Environments:** Because the electronics are fully encapsulated, they are resistant to dust, water, and oil (IP67/IP69K rating).
* **Explosion Proofing:** Non-contact switches are safer in volatile environments as they do not produce external sparks.
- ⤷
What is the exact pinout for the M12 connector on the M2RS-3B-R2/Q?
- ⤷ How does the R2 redundancy feature integrate with a safety relay?
- ⤷ What is the maximum switching current for this specific model?