M2RS-3F-R/CE
AI

The **M2RS-3F-R/CE** is a high-performance, compact **Industrial Plug-in Interface Relay** typically manufactured by brands like **METZ CONNECT**. It is designed to act as an intermediary between sensitive control electronics (like a PLC) and high-power loads.
---
### 1. Key Technical Specifications
Below are the primary electronic and physical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Relay Type** | Interface / Plug-in Relay |
| **Contact Configuration** | 1 Changeover Contact (SPDT) |
| **Nominal Voltage (Coil)** | 230V AC (Standard for this series) |
| **Switching Voltage (Max)** | 250V AC |
| **Continuous Current** | 6A |
| **Mounting Type** | DIN Rail (via Socket) |
| **Housing Width** | 6.2 mm (Ultra-slim design) |
---
### 2. Functional Components
* **Coil Circuit:** Features an integrated **LED status indicator** to show when the relay is energized. It also includes a **protection diode** (for DC variants) or an RC circuit to suppress voltage spikes when the coil is de-energized.
* **Contact Side:** Uses high-quality contact materials (often Silver Tin Oxide - $AgSnO_2$) designed to minimize wear and prevent "welding" during high-inrush current switching.
* **Manual Override:** The "-3F" designation often implies a specific functional layout or a manual test level, allowing technicians to test the circuit without a control signal.
* **CE Marking:** Indicates compliance with European safety, health, and environmental protection requirements.
---
### 3. Application Use Cases
The M2RS series is used where space on the DIN rail is limited but high reliability is required:
1. **Signal Isolation:** Separating the DC control side (PLC) from the AC load side to prevent electrical noise or surges from damaging the controller.
2. **Current Multiplication:** Using a low-current signal (mA) to switch a 6A load.
3. **Voltage Conversion:** Controlling a 230V AC motor or valve using a lower voltage control signal (if using a cross-compatible socket).
---
### 4. Wiring Diagram Concept
```text
[ Control Input ] [ Load Side ]
A1 (+) ----( Coil )---- A2 (-)
|
11 (Common Contact)
/ \
12 (NC) 14 (NO)
```
---
- ⤷What is the maximum switching capacity in Watts for this relay?
- ⤷ Can this relay be used with a 24V DC control signal?
- ⤷ How does the '3F' designation change its physical dimensions compared to standard relays?