M2RS-3F-R2/UL
AI

The **M2RS-3F-R2/UL** is a specific model of an **Industrial Interface Relay** manufactured by companies like **Wago** or **Dinkle** (often used in PLC interface systems). It is designed to act as a bridge between low-power control signals (from a PLC or microcontroller) and high-power loads.
---
### 1. Key Technical Specifications
Below are the primary electronic characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Electromechanical Relay Module |
| **Coil Voltage** | 24V DC (Standard for R2 series) |
| **Contact Configuration** | 1 Changeover (SPDT - Single Pole Double Throw) |
| **Rated Load (Resistive)** | 6A at 250V AC / 30V DC |
| **Mounting Type** | DIN Rail (TS-35) |
| **Safety Certification** | UL Listed (Underwriters Laboratories) |
| **Indication** | Built-in Green LED for status |
---
### 2. Major Electronic Components
The unit consists of several internal parts that work together to ensure safe switching:
1. **Electromagnetic Coil:** When 24V DC is applied, it creates a magnetic field that moves the internal mechanical armature.
2. **Contact System:** Made of silver alloy (often AgSnO2) to resist "arcing" and welding when switching inductive loads.
3. **Protection Diode (Flyback Diode):** Integrated into the circuit to protect the driving PLC from voltage spikes (back-EMF) when the relay coil is de-energized.
4. **LED Indicator:** A low-power SMD LED that provides visual confirmation that the input signal is active.
5. **Ejector Lever:** A mechanical plastic part used to easily replace the relay plug without rewiring the base.
---
### 3. Wiring Configuration
The relay base typically uses the following pin logic:
```mermaid
graph LR
A[Input +24V] --> B(Coil)
C[Input 0V] --> B
D[Common - COM] --- E[Normally Closed - NC]
D -.-> F[Normally Open - NO]
```
* **Coil Side (Input):** Connected to the PLC Output Card.
* **Contact Side (Output):**
* **COM (Common):** The input power for the load.
* **NO (Normally Open):** Circuit closes when the relay is energized (Motor/Light turns ON).
* **NC (Normally Closed):** Circuit opens when the relay is energized.
---
### 4. Application Use Cases
* **Signal Isolation:** Protecting sensitive controller CPU pins from 230V AC mains voltage.
* **Current Amplification:** Using a 10mA PLC signal to switch a 6A industrial solenoid valve.
* **Logic Inversion:** Using the NC contact to create "fail-safe" logic.
- ⤷
What is the difference between the R2 and R1 versions of this relay?
- ⤷ Can this relay be used with AC input signals instead of 24V DC?
- ⤷ What is the maximum switching frequency for the M2RS-3F-R2/UL?