Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2RS-41-R2/K

  • AI
    The **M2RS-41-R2/K** is a specific model of a **Miniature Plug-in Relay** typically used in industrial control systems and automation. This specific part number is often associated with the **M2RS series** (likely manufactured by brands like **Maru-Yasu** or similar industrial suppliers). Below is a breakdown of its electronic components and specifications. --- ### 1. General Specifications The part is designed for high reliability in switching electrical loads. | Feature | Specification (Typical) | | :--- | :--- | | **Contact Form** | DPDT (2 Form C) | | **Contact Rating** | 5A to 10A (depending on load type) | | **Coil Voltage** | R2 usually indicates **220/240V AC** | | **Mounting Type** | Plug-in (compatible with standard 8-pin sockets) | | **Indicator** | LED indicator (the "/K" or "R" suffix often denotes a built-in lamp) | --- ### 2. Key Electronic Components A plug-in relay of this type consists of three primary sections: #### A. The Electromagnetic Coil * **Function:** Converts electrical energy into a magnetic field to move the contacts. * **Details:** Encapsulated copper winding. For the **R2** variant, the coil is rated for high-voltage AC, meaning it contains a thin wire with many turns to provide high impedance. #### B. The Contact System * **Material:** Usually Silver Alloy (AgNi or AgSnO2) for arc resistance. * **Action:** Physical metal plates that snap between "Normally Open" (NO) and "Normally Closed" (NC) positions when the coil is energized. #### C. Built-in Protection & Indicators * **LED Indicator:** A small light-emitting diode wired in parallel with the coil to show if the relay is currently energized. * **Mechanical Indicator:** A small plastic tab that moves physically to show the contact state even if the power is off. * **Surge Suppression (Optional):** Some models include a varistor or RC circuit to prevent back-EMF (voltage spikes) from damaging the driving PLC or controller. --- ### 3. Pin Configuration (Internal Wiring) The M2RS-41 typically follows the standard 8-pin layout: | Pin Numbers | Description | | :--- | :--- | | **2 & 7** | Coil Power Input | | **1 & 8** | Common (COM) Terminals | | **3 & 6** | Normally Open (NO) Contacts | | **4 & 5** | Normally Closed (NC) Contacts | --- ### 4. Application Usage * **Interface Relay:** Used between a PLC and a high-power motor starter. * **Signal Isolation:** Protects sensitive electronics from high-voltage field devices. * **Logic Operations:** Used in hard-wired control logic for safety interlocks. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact coil voltage for the R2 suffix in this specific series?
    • ⤷ Does this relay require a specific DIN-rail socket for mounting?
    • ⤷ What is the maximum switching frequency for this mechanical relay?