M2RS-4F-R2/CE
AI

The **M2RS-4F-R2/CE** is a high-performance, plug-in type **Signal Conditioner (Isolator)** manufactured by M-System. It is designed to accept a DC voltage or current input and provide a standard, isolated DC output.
---
### 1. Key Technical Specifications
The following table outlines the core electronic and operational parameters:
| Feature | Specification |
| :--- | :--- |
| **Model Series** | M2-Series (Mini-M) |
| **Configuration** | 4-wire (AC/DC powered) |
| **Input Signal** | 4 to 20 mA DC (Standard for this variant) |
| **Output Signal** | 4 to 20 mA DC (Standard for this variant) |
| **Power Input (R2)** | 11 – 27 V DC |
| **Isolation** | 3-way (Input - Output - Power) |
| **Accuracy** | ±0.1% of span |
| **Response Time** | ≤ 0.5 seconds (0 – 90%) |
| **Standards** | CE Marking compliant |
---
### 2. Core Electronic Functions
The M2RS-4F-R2/CE performs three primary electronic roles in a control system:
#### A. Signal Isolation
It provides 2000V AC isolation between the input, output, and power supply. This prevents **ground loops** and protects sensitive PLC/DCS equipment from high-voltage surges or electrical noise originating from field sensors.
#### B. Signal Conversion & Linearization
While this specific model typically handles a 1:1 ratio (e.g., 4-20mA to 4-20mA), the internal circuitry ensures that the output remains perfectly linear relative to the input, compensating for line resistance.
#### C. Power Management (The "R2" Designation)
The "R2" indicates the unit is powered by **24V DC**. This makes it ideal for use in control cabinets where 24V bus bars are standard. The "4-wire" design means the unit has its own dedicated power terminals, separate from the signal loop.
---
### 3. Physical & Installation Features
* **Plug-in Structure:** The electronic module can be removed from its base without disconnecting the wiring, facilitating easy maintenance.
* **DIN Rail Mounting:** Standard 35mm DIN rail installation.
* **Adjustments:** The front panel typically features Zero and Span adjustments (potentiometers) for fine-tuning the signal output.
---
### 4. Circuit Diagram Representation (Simplified)
```text
[ FIELD ] [ M2RS-4F-R2/CE ] [ CONTROLLER ]
Sensor(+) --------> (1) Input (+) (4) --------> PLC Input (+)
Sensor(-) --------> (2) Input (-) (5) --------> PLC Input (-)
(3) Power (+) 24V
(6) Power (-) 0V
```
- ⤷
What are the specific wiring pin assignments for the M2RS-4F-R2/CE socket?
- ⤷ Can the input signal be changed from 4-20mA to 0-10V on this specific model?
- ⤷ How does the 'CE' marking affect the environmental ratings of this device?