M2RS-4F-R2/K
AI

The **M2RS-4F-R2/K** is a specialized electronic component, typically categorized as a **Digital Temperature Controller** or a high-performance **Relay Module** (often associated with brands like Autonics or similar industrial automation manufacturers).
Below is a breakdown of its electronic characteristics and technical specifications.
---
### 1. General Specifications
This device is designed for industrial automation, specifically for precise process control or signal switching.
| Feature | Description |
| :--- | :--- |
| **Control Method** | PID Control / ON-OFF Control |
| **Input Type** | Multi-input (Thermocouples, RTDs, Analog Voltage/Current) |
| **Output Type** | Relay Contact Output (R2 designation usually indicates dual relay) |
| **Display** | LED Seven-segment (Process Value and Set Value) |
| **Power Supply** | Usually 100-240VAC or 24VDC (model dependent) |
---
### 2. Key Electronic Components
The internal circuitry consists of several critical stages:
#### A. Input Conditioning Stage
* **A/D Converter:** Converts analog signals from sensors (like a K-type thermocouple) into high-resolution digital data.
* **Cold Junction Compensation:** Essential for temperature accuracy when using thermocouples.
#### B. Processing & Logic
* **Microcontroller (MCU):** The "brain" that executes the PID algorithm to maintain the setpoint.
* **EEPROM:** Non-volatile memory used to store user settings so they aren't lost during power cycles.
#### C. Output & Switching
* **Electromechanical Relays:** The "R2" suffix typically points to two physical relays used for control and alarm functions.
* **Isolation Optocouplers:** Used to isolate the low-voltage logic side from the high-voltage power/switching side to prevent electrical noise interference.
---
### 3. Terminal Configuration (Generic)
While specific wiring depends on the manual, the standard electronic pinout for this series usually follows:
1. **Power Input:** Terminals for L (Live) and N (Neutral).
2. **Sensor Input:** Specific terminals for RTD (A, B, b) or Thermocouple (+, -).
3. **Relay 1 (Main):** Common, Normally Open (NO).
4. **Relay 2 (Alarm):** Used for safety triggers or secondary cooling.
---
### 4. Application Use-Case
This part is commonly found in:
* **Packaging Machines:** Controlling heat sealers.
* **Plastic Injection:** Maintaining barrel temperatures.
* **Ovens/Furnaces:** Regulating heating elements via a contactor or SSR.
- ⤷
What is the exact input voltage range for the 'K' variant?
- ⤷ Does this model support RS485 communication for Modbus RTU?
- ⤷ What is the maximum current rating for the relay outputs?