Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2RS-53-R2/CE

  • AI
    The **M2RS-53-R2/CE** is a high-precision, plug-in type **RTD (Resistance Temperature Detector) Transmitter** manufactured by **M-System**. It is designed to convert signals from an RTD sensor into a standard DC output signal. --- ## 1. Core Specifications and Electronics The device functions as a signal conditioner, providing isolation and linear conversion. | Component / Feature | Specification Details | | :--- | :--- | | **Model Series** | M2-Series (Mini-M) | | **Input Type** | Pt 100 (Platinum RTD) | | **Output Type (R2)** | 4 to 20 mA DC | | **Power Supply (CE)** | 100 – 240 V AC | | **Accuracy** | ±0.1% of span | | **Response Time** | ≤ 0.5 seconds (0 – 90%) | | **Isolation** | 3-way isolation (Input to Output to Power) | --- ## 2. Electronic Architecture The internal circuitry of the M2RS-53 is divided into several functional blocks: ### A. Input Stage (RTD Sensing) * **Constant Current Source:** The device provides a stable excitation current to the RTD (typically around 1mA) to prevent self-heating while measuring resistance change. * **Burnout Protection:** Includes circuitry to detect a broken wire in the RTD sensor. It can be configured for "Upscale" (output goes to max) or "Downscale" (output goes to min) during a failure. * **Linearization:** Since the resistance-to-temperature curve of a Pt100 is not perfectly linear, the internal electronics apply a linearization algorithm to ensure the output is proportional to the temperature. ### B. Isolation Barrier * **Magnetic or Optical Coupling:** Uses high-frequency transformers or optoisolators to provide **2000V AC isolation**. This protects the control system (PLC/DCS) from ground loops and high-voltage surges occurring at the sensor end. ### C. Output Stage * **Voltage-to-Current Converter:** Converts the processed signal into a precise 4-20mA loop. * **Load Resistance:** Capable of driving loads up to 600 Ω (at 24V DC internal supply). --- ## 3. Terminal Configuration The unit uses a 10-pin socket base. Below is the standard pin layout for this electronic module: | Pin No. | Function | Description | | :--- | :--- | :--- | | **1** | Output (+) | 4-20mA Signal Output | | **2** | Output (-) | Signal Return | | **3** | RTD (A) | Input lead A | | **4** | RTD (B) | Input lead B | | **5** | RTD (B) | Input lead B' (for 3-wire compensation) | | **7** | Power (L) | 100 - 240V AC Line | | **8** | Power (N) | 100 - 240V AC Neutral | --- ## 4. Key Indicators (Front Panel) * **Status LED:** Provides visual feedback on power status. * **Zero/Span Adjustments:** Multi-turn potentiometers used for fine-tuning the calibration at the bottom (4mA) and top (20mA) of the range.
    ✨ Follow-up Questions
    • ⤷ How do you calibrate the Zero and Span on the M2RS model?
    • ⤷ What are the specific wiring requirements for 3-wire RTD compensation in this unit?
    • ⤷ What is the difference between the M2RS and the M2RT series?